Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3302 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS3302
Description  HIGH Z PROGRAMMABLE GAIN DIFFERENTIAL AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3302 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS3302 Datasheet HTML 7Page - Cirrus Logic CS3302 Datasheet HTML 8Page - Cirrus Logic CS3302 Datasheet HTML 9Page - Cirrus Logic CS3302 Datasheet HTML 10Page - Cirrus Logic CS3302 Datasheet HTML 11Page - Cirrus Logic CS3302 Datasheet HTML 12Page - Cirrus Logic CS3302 Datasheet HTML 13Page - Cirrus Logic CS3302 Datasheet HTML 14Page - Cirrus Logic CS3302 Datasheet HTML 15Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
CS3302
12
The VA- supply is connected to the CMOS sub-
strate and as such must remain the most negative
applied voltage to prevent potential latch-up condi-
tions. Care should be taken to ensure analog input
voltages do not drop more than -0.3 V below the
VA- supply. Care should also be taken to establish
the VA- supply before analog signals are applied to
the device. It is recommended to clamp the VA-
supply to system ground using a reverse biased
Schottky diode to prevent possible latch-up condi-
tions related to mismatched supply rail initializa-
tion.
2.3.2
Digital Power Supplies
The digital power supply across the VD and DGND
pins is flexible and can be set to interface with
3.3 V or 5 V logic. The digital power supply should
be bypassed to system ground using a 0.01
µF X7R
type capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com