Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3302 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS3302
Description  HIGH Z PROGRAMMABLE GAIN DIFFERENTIAL AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3302 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS3302 Datasheet HTML 2Page - Cirrus Logic CS3302 Datasheet HTML 3Page - Cirrus Logic CS3302 Datasheet HTML 4Page - Cirrus Logic CS3302 Datasheet HTML 5Page - Cirrus Logic CS3302 Datasheet HTML 6Page - Cirrus Logic CS3302 Datasheet HTML 7Page - Cirrus Logic CS3302 Datasheet HTML 8Page - Cirrus Logic CS3302 Datasheet HTML 9Page - Cirrus Logic CS3302 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CS3302
6
ANALOG CHARACTERISTICS (CONT.)
Notes: 7. Absolute gain accuracy tests the matching of x1 gain across multiple CS3302 devices.
8. Relative gain accuracy tests the tracking of x2 - x64 gain relative to x1 gain on a single CS3302 device.
9. Specification is for the parameter over the specified temperature range and is for the CS3302 device
only. It does not include the effects of external components.
10. Offset voltage is tested with the amplifier inputs connected to the internal 800
Ω termination.
11. The absolute offset after calibration specification applies to the effective offset voltage of the CS3302
output when used with the CS5371/72 modulator and CS5376A digital filter, and is measured from the
digitally calibrated output codes of the CS5376A.
12. The CS3302 offset calibration is performed digitally with the CS5371/72 modulator and CS5376A digital
filter and includes the full scale signal range. Calibration offsets of greater than + 5% of full scale will
begin to subtract from system dynamic range.
Parameter
Symbol
CS3302
Unit
Min
Typ
Max
Gain
Gain, Differential
GAINDM
x1
-
x64
Gain, Common Mode
GAINCM
-x1-
Gain Accuracy, Absolute
(Note 7, 9)GAABS
-+1+2%
Gain Accuracy, Relative
(Note 8, 9)GAREL
-+0.4
+0.8
%
Gain Drift
(Note 4)
GAINTC
-5
-
ppm / ºC
Offset
Offset Voltage, Input Referred
(Note 9, 10)OFST
-
+250
+750
µV
Offset After Calibration, Absolute
(Note 11)OFSTCAL
-+1-
µV
Offset Calibration Range
(Note 12)OFSTRNG
-
100
-
% F.S.
Offset Voltage Drift
(Note 4)OFSTTC
-1
-
µV / ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com