Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3302 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS3302
Description  HIGH Z PROGRAMMABLE GAIN DIFFERENTIAL AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3302 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS3302 Datasheet HTML 7Page - Cirrus Logic CS3302 Datasheet HTML 8Page - Cirrus Logic CS3302 Datasheet HTML 9Page - Cirrus Logic CS3302 Datasheet HTML 10Page - Cirrus Logic CS3302 Datasheet HTML 11Page - Cirrus Logic CS3302 Datasheet HTML 12Page - Cirrus Logic CS3302 Datasheet HTML 13Page - Cirrus Logic CS3302 Datasheet HTML 14Page - Cirrus Logic CS3302 Datasheet HTML 15Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CS3302
11
2.1.3
Differential Signals
Analog signals into and out of the CS3302 are dif-
ferential, consisting of two halves with equal but
opposite magnitude varying about a common mode
voltage.
A full scale 5 Vpp differential signal centered on a
2.5 V common mode can have:
SIG+ = 2.5 V + 1.25 V = 3.75 V
SIG- = 2.5 V - 1.25 V = 1.25 V
SIG+ is +2.5 V relative to SIG-
For the reverse case:
SIG+ = 2.5 V - 1.25 V = 1.25 V
SIG- = 2.5 V + 1.25 V = 3.75 V
SIG+ is -2.5 V relative to SIG-
The total swing for SIG+ relative to SIG- is
(+2.5 V) - (-2.5 V) = 5 Vpp. A similar calculation
can be done for SIG- relative to SIG+. Note that a
5 Vpp differential signal centered on a 2.5 V com-
mon mode voltage never exceeds 3.75 V and never
drops below 1.25 V on either half of the signal.
2.1.4
Guard Output
The GUARD pin outputs the common mode volt-
age of the currently selected analog signal input. It
can be used to drive the cable shield between a high
impedance sensor and the amplifier inputs. Driving
the cable shield with the analog signal common
mode voltage minimizes leakage and improves sig-
nal integrity from high impedance sensors.
The GUARD output is defined as the midpoint
voltage between the + and - halves of the currently
selected differential input signal, and will vary as
the signal common mode varies. The GUARD out-
put will not drive a significant load, it only provides
a shielding voltage.
2.2
Digital Signals
2.2.1
Gain Selection
The CS3302 supports gain ranges of x1, x2, x4, x8,
x16, x32, and x64. They are selected using the
GAIN0, GAIN1, and GAIN2 pins as shown in
Table 1 on page 8.
2.2.2
Mux Selection
The analog inputs to the amplifier are multiplexed,
with external signals applied to the INA+, INA- or
INB+, INB- pins. An internal termination is also
available for noise tests. Input mux selection is
made using the MUX0 and MUX1 pins as shown in
Table 1 on page 8.
Although a mux selection is provided to enable the
INA and INB switches simultaneously, significant
current should not be driven through them in this
mode. The CS3302 mux switches will maintain
good linearity only with minimal signal current.
2.2.3
Low Power Selection
For applications where power is critical, a low-
power mode can be selected. This mode reduces
amplifier power consumption at the expense of
slightly degraded performance. Low power mode
is selected using the LPWR pin, which is active
high.
2.2.4
Power Down Selection
A power-down mode is available to shut down the
amplifier when not in use. When enabled, all inter-
nal circuitry is disabled, the analog inputs and out-
puts go high-impedance, and the device enters a
micro-power state. Power down mode is selected
using the PWDN pin, which is active high.
2.3
Power Supplies
2.3.1
Analog Power Supplies
The analog power pins of the CS3302 are to be sup-
plied with a total of 5 V between VA+ and VA-.
This voltage can be from a unipolar +5 V / 0 V sup-
ply or a bipolar +2.5 V / -2.5 V supply. When using
a unipolar supply, analog signal common mode
should be biased to 2.5 V, and when using bipolar
supplies it should be biased to 0 V. The analog
power supplies are recommended to be bypassed to
system ground using 0.1
µF X7R type capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com