Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3302 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS3302
Description  HIGH Z PROGRAMMABLE GAIN DIFFERENTIAL AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3302 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS3302 Datasheet HTML 7Page - Cirrus Logic CS3302 Datasheet HTML 8Page - Cirrus Logic CS3302 Datasheet HTML 9Page - Cirrus Logic CS3302 Datasheet HTML 10Page - Cirrus Logic CS3302 Datasheet HTML 11Page - Cirrus Logic CS3302 Datasheet HTML 12Page - Cirrus Logic CS3302 Datasheet HTML 13Page - Cirrus Logic CS3302 Datasheet HTML 14Page - Cirrus Logic CS3302 Datasheet HTML 15Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
CS3302
14
3.
PIN DESCRIPTION
Pin Name
Pin #
I/O
Pin Description
VA+
1
I
Positive analog supply voltage.
VA-
4
I
Negative analog supply voltage.
VD
16
I
Positive digital supply voltage.
DGND
15
I
Digital ground.
INA+, INA-
5, 6
I
Channel A differential analog inputs. Selected via MUX pins.
INB+, INB-
8, 7
I
Channel B differential analog inputs. Selected via MUX pins.
GUARD
13
O
Guard voltage output.
OUTR+, OUTR-
11, 2
O
Rough charge differential analog outputs.
OUTF+, OUTF-
10, 3
O
Fine charge differential analog outputs.
GAIN0, GAIN1,
GAIN2
22, 21,
20
I
Gain range select. See Gain Selection table in Digital Characteristics section.
LPWR
18
I
Low power mode enable. Active high.
PWDN
19
I
Power down mode enable. Active high.
MUX0, MUX1
24, 23
I
Analog input select. See Input Selection table in Digital Characteristics section.
TEST0
12
I
Test mode select, factory use only. Connect to VA- during normal operation.
TEST1, TEST2
17, 14
I
Test mode select, factory use only. Connect to DGND during normal operation.
TESTOUT
9O
Test mode output, factory use only. Connect to VA- during normal operation.
Table 2. Pin Descriptions
1
2
3
4
5
6
7
817
18
19
20
21
22
23
24
9
10
11
12
13
14
15
16
Positive Analog Power Supply
VA+
Negative Analog Rough Output
OUTR-
Negative Analog Fine Output
OUTF-
Negative Analog Power Supply
VA-
Non-Inverting Input A
INA+
Inverting Input A
INA-
Inverting Input B
INB-
Non-Inverting Input B
INB+
Test Mode Output
TESTOUT
Positive Analog Fine Output
OUTF+
Positive Analog Rough Output
OUTR+
Test Mode Select
TEST0
MUX0
Input Mux Select
MUX1
Input Mux Select
GAIN0
Gain Range Select
GAIN1
Gain Range Select
GAIN2
Gain Range Select
PWDN
Power Down Mode Enable
LPWR
Low Power Mode Enable
TEST1
Test Mode Select
VD
Positive Digital Power Supply
DGND
Digital Ground
TEST2
Test Mode Select
GUARD
Guard Voltage Output
Figure 5. CS3302 Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com