Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3302 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS3302
Description  HIGH Z PROGRAMMABLE GAIN DIFFERENTIAL AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3302 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS3302 Datasheet HTML 6Page - Cirrus Logic CS3302 Datasheet HTML 7Page - Cirrus Logic CS3302 Datasheet HTML 8Page - Cirrus Logic CS3302 Datasheet HTML 9Page - Cirrus Logic CS3302 Datasheet HTML 10Page - Cirrus Logic CS3302 Datasheet HTML 11Page - Cirrus Logic CS3302 Datasheet HTML 12Page - Cirrus Logic CS3302 Datasheet HTML 13Page - Cirrus Logic CS3302 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CS3302
10
2.
GENERAL DESCRIPTION
The CS3302 is a high impedance low-noise CMOS
differential input, differential output amplifier for
precision analog signals between DC and 2 kHz. It
has multiplexed inputs, rough/fine charge outputs,
and programmable gains of x1, x2, x4, x8, x16,
x32, and x64.
The amplifier’s performance makes it ideal for
low-frequency, high dynamic range applications
requiring low distortion and minimal power con-
sumption. It’s optimized for use in acquisition sys-
tems designed around the CS5371/72 single/dual
∆Σ modulators and the CS5376A quad digital fil-
ter.
Figure 3 shows the system level architecture
of a 4-channel acquisition system using four
CS3302, two CS5372, and one CS5376A.
2.1
Analog Signals
2.1.1
Analog Inputs
The amplifier analog inputs are designed for high
impedance differential sensors. Input multiplexing
simplifies system connections by providing sepa-
rate inputs for a sensor and test DAC (INA, INB) as
well as an internal termination for noise tests. The
MUX0, MUX1 digital pins determine which multi-
plexed input is connected to the amplifier.
2.1.2
Analog Outputs
The amplifier analog outputs are separated into
rough charge / fine charge signals to easily connect
to the CS5371/72 inputs. Each output also includes
a series resistor, requiring only two differential ca-
pacitors to create the CS5371/72 input anti-alias
filter.
Differential
Sensor
Differential
Sensor
Differential
Sensor
Differential
Sensor
∆Σ
Modulator
CS5371/72
∆Σ
Modulator
CS5371/72
Digital Filter
CS5376
Test
DAC
µController
or
Configuration
EEPROM
System
Telemetry
CS89712
EP7312
CS8900A
AMP
M
U
X
CS3302
AMP
M
U
X
CS3302
AMP
M
U
X
CS3302
AMP
M
U
X
CS3302
CS4373
Figure 3. System Architecture
CS5376A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com