Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3302 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS3302
Description  HIGH Z PROGRAMMABLE GAIN DIFFERENTIAL AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3302 Datasheet(HTML) 1 Page - Cirrus Logic

  CS3302 Datasheet HTML 1Page - Cirrus Logic CS3302 Datasheet HTML 2Page - Cirrus Logic CS3302 Datasheet HTML 3Page - Cirrus Logic CS3302 Datasheet HTML 4Page - Cirrus Logic CS3302 Datasheet HTML 5Page - Cirrus Logic CS3302 Datasheet HTML 6Page - Cirrus Logic CS3302 Datasheet HTML 7Page - Cirrus Logic CS3302 Datasheet HTML 8Page - Cirrus Logic CS3302 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
 Cirrus Logic, Inc. 2003
(All Rights Reserved)
Cirrus Logic, Inc.
www.cirrus.com
CS3302
High-Z Programmable Gain Differential Amplifier
Features
Signal bandwidth: DC to 2 kHz
Selectable gain: x1, x2, x4, x8, x16, x32, x64
Differential inputs, differential outputs
• Multiplexed inputs: INA, INB, 800
Ω termination
• Rough / fine charge outputs for CS5371/72
• Max signal amplitude: 5 Vp-p differential
• Ultra-low input bias: < 1 pA
Excellent noise performance
•1
µV
p-p between 0.1 Hz and 10 Hz
•8.5 nV/
√Hz from 200 Hz to 2 kHz
Low total harmonic distortion
• -118 dB THD typical (0.000126%)
• -112 dB THD maximum (0.000251%)
Low power consumption
• Normal / LPWR / PWDN: 5 mA, 3.3 mA, 10
µA
Single or dual power supply configurations
• VA+ = +5 V; VA- = 0 V;
VD = +3.3 V to +5 V
• VA+ = +2.5 V;VA- = -2.5 V;VD = +3.3 V
Description
The CS3302 is a high input impedance differential in, dif-
ferential out amplifier with programmable gain, optimized
for amplifying signals from high impedance sensors such
as hydrophones. The gain settings are binary weighted
(x1, x2, x4, x8, x16, x32, x64) and are selected using
simple pin settings. Two sets of external inputs, INA and
INB, simplify system design as inputs from a sensor and
test DAC. An internal 800
Ω termination can also be se-
lected for noise tests.
Amplifier input impedance is very high, requiring less
than 1 pA of input current. Noise performance is very
good at 1
µV
p-p between 0.1 Hz and 10 Hz, and a noise
density of 8.5 nV/
√Hz over the 200 Hz to 2 kHz band-
width. Distortion performance is also extremely good,
typically -118 dB THD. Low input current, low noise, and
low total harmonic distortion make this amplifier ideal for
high impedance differential sensors requiring maximum
dynamic range.
ORDERING INFORMATION
CS3302-IS
-40ºC to +85ºC
24-pin SSOP
INA+
INB+
MUX0
MUX1
INB-
INA-
VA+
VA-
VD
DGND
GUARD
OUTR+
OUTF+
GAIN0
GAIN1
GAIN2
OUTF-
OUTR-
LPWR
PWDN
+
-
-
+
500
Ω
500
Ω
500
Ω
500
Ω
750
750
750
750
JUN ‘03
DS596PP2


Similar Part No. - CS3302

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3302 CIRRUS-CS3302 Datasheet
324Kb / 16P
High-Z, Programmable Gain, Differential Amplifier
CS3302-IS CIRRUS-CS3302-IS Datasheet
324Kb / 16P
High-Z, Programmable Gain, Differential Amplifier
CS3302-ISZ CIRRUS-CS3302-ISZ Datasheet
324Kb / 16P
High-Z, Programmable Gain, Differential Amplifier
CS3302A CIRRUS-CS3302A Datasheet
376Kb / 16P
High-Z, Programmable Gain, Differential Amplifier
CS3302A-IS CIRRUS-CS3302A-IS Datasheet
376Kb / 16P
High-Z, Programmable Gain, Differential Amplifier
More results

Similar Description - CS3302

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA102 BURR-BROWN-PGA102 Datasheet
96Kb / 8P
High Speed PROGRAMMABLE GAIN AMPLIFIER
logo
Cirrus Logic
CS3301 CIRRUS-CS3301 Datasheet
266Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
CS3301 CIRRUS-CS3301_07 Datasheet
346Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
CS3301A CIRRUS-CS3301A Datasheet
355Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
CS3302 CIRRUS-CS3302_07 Datasheet
324Kb / 16P
High-Z, Programmable Gain, Differential Amplifier
CS3302A CIRRUS-CS3302A Datasheet
376Kb / 16P
High-Z, Programmable Gain, Differential Amplifier
logo
Texas Instruments
PGA870 TI-PGA870 Datasheet
1Mb / 24P
High-Speed, Fully Differential, Programmable-Gain Amplifier
PGA870 TI-PGA870_10 Datasheet
1Mb / 26P
High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
National Semiconductor ...
PGA870 NSC-PGA870 Datasheet
2Mb / 39P
High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
Zilog, Inc.
ZGFI7101 ZILOG-ZGFI7101 Datasheet
671Kb / 14P
High Gain Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com