Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4265 Datasheet (PDF) - Cirrus Logic

CS4265 Datasheet PDF - Cirrus Logic
Part # CS4265
Download  CS4265 Download
File Size   961.92 Kbytes
Page   53 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 105 dB, 24-Bit, 192 kHz Stereo Audio CODEC

CS4265 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4265 Datasheet PDF - Cirrus Logic

Part # CS4265
Download  CS4265 Click to download

File Size   961.92 Kbytes
Page   53 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 105 dB, 24-Bit, 192 kHz Stereo Audio CODEC

CS4265 Datasheet (HTML) - Cirrus Logic


CS4265 Product details

General Description
The CS4265 is a highly integrated stereo audio CODEC. The CS4265 performs stereo analog-to-digital (A/D) and digital-to-analog (D/A) conversion of up to 24-bit serial values at sample rates up to 192 kHz.

D/A Features
♦ Multi-Bit Delta Sigma Modulator
♦ 104 dB Dynamic Range
♦ -90 dB THD+N
♦ Up to 192 kHz Sampling Rates
♦ Single-Ended Analog Architecture
♦ Volume Control with Soft Ramp
    – 0.5 dB Step Size
    – Zero Crossing, Click-Free Transitions
♦ Popguard® Technology
    – Minimizes the Effects of Output Transients
♦ Filtered Line-Level Outputs
♦ Selectable Serial Audio Interface Formats
    – Left-Justified up to 24-bit
    – I²S up to 24-bit
    – Right-Justified 16-, 18-, 20-, and 24-bit
♦ Selectable 50/15 µs De-Emphasis

A/D Features
♦ Multi-Bit Delta Sigma Modulator
♦ 104 dB Dynamic Range
♦ -95 dB THD+N
♦ Stereo 2:1 Input Multiplexer
♦ Programmable Gain Amplifier (PGA)
    – ± 12 dB Gain, 0.5 dB Step Size
    – Zero Crossing, Click-Free Transitions
♦ Pseudo-Differential Stereo Line Inputs
♦ Stereo Microphone Inputs
    – +32 dB Gain Stage
    – Low-Noise Bias Supply
♦ Up to 192 kHz Sampling Rates
♦ Selectable Serial Audio Interface Formats
    – Left-Justified up to 24-bit
    – I²S up to 24-bit
♦ High-Pass Filter or DC Offset Calibration

System Features
♦ Synchronous IEC60958-3 Transmitter
    – Up to 192 kHz Sampling Rates
    – 75 Ω Drive Capability
♦ Serial Audio Data Input Multiplexer
♦ Internal Digital Loopback
♦ Supports Master or Slave Operation
♦ Mute Output Control
♦ Power-Down Mode
    – Available for A/D, D/A, CODEC, Mic Preamplifier
♦ +3.3 V to +5 V Analog Power Supply
♦ +3.3 V to +5 V Digital Power Supply
♦ Direct Interface with 1.8 V to 5 V Logic Levels
♦ Supports I²C® Control Port Interface




Similar Part No. - CS4265

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4265 CIRRUS-CS4265 Datasheet
1Mb / 56P
104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4265-CNZ CIRRUS-CS4265-CNZ Datasheet
1Mb / 56P
104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4265-CNZR CIRRUS-CS4265-CNZR Datasheet
1Mb / 56P
104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4265-DNZ CIRRUS-CS4265-DNZ Datasheet
1Mb / 56P
104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4265-DNZR CIRRUS-CS4265-DNZR Datasheet
1Mb / 56P
104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results


Similar Description - CS4265

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
24-Bit, 192 kHz Stereo Audio CODEC
CS4245 CIRRUS-CS4245_07 Datasheet
1Mb / 57P
104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
100dB, 24-Bit, 192 kHz Stereo Audio CODEC
PA5388 PROTEC-PA5388 Datasheet
750Kb / 27P
100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Cirrus Logic
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES7322 EVEREST-ES7322 Datasheet
908Kb / 23P
100dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com