Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4361 Datasheet (PDF) - Cirrus Logic

CS4361 Datasheet PDF - Cirrus Logic
Part # CS4361
Download  CS4361 Download
File Size   671.07 Kbytes
Page   23 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 20-pin, 24-bit, 192 kHz, 6-channel D/A Converter

CS4361 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4361 Datasheet PDF - Cirrus Logic

Part # CS4361
Download  CS4361 Click to download

File Size   671.07 Kbytes
Page   23 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 20-pin, 24-bit, 192 kHz, 6-channel D/A Converter

CS4361 Datasheet (HTML) - Cirrus Logic


CS4361 Product details

Description
The CS4361 is a complete 6-channel digital-to-analog output system including interpolation, multi-bit D/A conversion, and output analog filtering in a small 20-pin package. The CS4361 supports all major audio data interface formats.

Features
♦ Multi-Bit Delta-Sigma Modulator
♦ 24-Bit Conversion
♦ Automatically Detects Sample Rates Up To 192 kHz
♦ 103 dB Dynamic Range
♦ -94 dB THD+N
♦ Low Clock-Jitter Sensitivity
♦ +5 V Core Power
♦ +1.8 V to +5 V Interface Power
♦ Filtered Line-Level Outputs
♦ On-Chip Digital De-emphasis
♦ Popguard® Technology
♦ Mute Output Control
♦ Small 20-pin TSSOP Package




Similar Part No. - CS4361

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4361 CIRRUS-CS4361 Datasheet
703Kb / 24P
20-Pin, 24-Bit, 192 kHz, 6-Channel D/A Converter
CS4361-CZZ CIRRUS-CS4361-CZZ Datasheet
703Kb / 24P
20-Pin, 24-Bit, 192 kHz, 6-Channel D/A Converter
CS4361 CIRRUS-CS4361_08 Datasheet
703Kb / 24P
20-Pin, 24-Bit, 192 kHz, 6-Channel D/A Converter
More results


Similar Description - CS4361

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4360 CIRRUS-CS4360 Datasheet
875Kb / 36P
24-Bit, 192 kHz 6 Channel D/A Converter?
CS4396 CIRRUS-CS4396 Datasheet
527Kb / 28P
24-Bit, 192 kHz D/A Converter for Digital Audio?
CS4364 CIRRUS-CS4364 Datasheet
983Kb / 50P
103 dB, 192 kHz 6-Channel D/A Converter
CS4360 CIRRUS-CS4360_04 Datasheet
848Kb / 37P
24-Bit, 192 kHz 6 Channel D/A Converter
CS5366 CIRRUS-CS5366 Datasheet
713Kb / 41P
114 dB, 192 kHz, 6-Channel A/D Converter
CS4361 CIRRUS-CS4361_08 Datasheet
703Kb / 24P
20-Pin, 24-Bit, 192 kHz, 6-Channel D/A Converter
CS5366 CIRRUS-CS5366_08 Datasheet
645Kb / 41P
114 dB, 192 kHz, 6-Channel A/D Converter
CS4362A CIRRUS-CS4362A_09 Datasheet
1,011Kb / 50P
114 dB, 192 kHz 6-Channel D/A Converter
logo
Suzhou Everest Semicond...
ES7145LV EVEREST-ES7145LV Datasheet
308Kb / 8P
10-pin, 24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
ES7144LV EVEREST-ES7144LV Datasheet
231Kb / 8P
10-pin, 24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com