Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4396 Datasheet (PDF) - Cirrus Logic

CS4396 Datasheet PDF - Cirrus Logic
Part # CS4396
Download  CS4396 Download
File Size   527.5 Kbytes
Page   28 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-Bit, 192 kHz D/A Converter for Digital Audio?

CS4396 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4396 Datasheet PDF - Cirrus Logic

Part # CS4396
Download  CS4396 Click to download

File Size   527.5 Kbytes
Page   28 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-Bit, 192 kHz D/A Converter for Digital Audio?

CS4396 Datasheet (HTML) - Cirrus Logic


CS4396 Product details

Description
The CS4396 is a complete high performance 24-bit 48/96/192 kHz stereo digital-to-analog conversion system. The device includes a digital interpolation filter followed by a oversampled multi-bit delta-sigma modulator which drives dynamic-element-matching (DEM) selection logic. The output from the DEM block controls the input to a multi-element switched capacitor DAC/lowpass filter, with fully-differential outputs. This multi-bit architecture features significantly lower out-of-band noise and jitter sensitivity than traditional 1-bit designs, and the advanced DEM guarantees low noise and distortion at all signal levels.

Features
● 24 Bit Conversion
● Up to 192 kHz Sample Rates
● 120 dB Dynamic Range
● -100 dB THD+N
● Advanced Dynamic-Element Matching
● Low Clock Jitter Sensitivity
● Digital De-emphasis for 32 kHz, 44.1 kHz and 48 kHz
● External Reference Input




Similar Part No. - CS4396

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
24-Bit, Stereo D/A Converter for Digital Audio
CS4390-KP CIRRUS-CS4390-KP Datasheet
629Kb / 22P
24-Bit, Stereo D/A Converter for Digital Audio
CS4390-KS CIRRUS-CS4390-KS Datasheet
629Kb / 22P
24-Bit, Stereo D/A Converter for Digital Audio
logo
List of Unclassifed Man...
CS4390-KS ETC2-CS4390-KS Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Cirrus Logic
CS4391 CIRRUS-CS4391 Datasheet
576Kb / 40P
24-Bit, 192 kHz Stereo DAC with Volume Control?
More results


Similar Description - CS4396

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4340A CIRRUS-CS4340A Datasheet
628Kb / 20P
24-Bit, 192 kHz Stereo DAC for Audio?
CS4360 CIRRUS-CS4360 Datasheet
875Kb / 36P
24-Bit, 192 kHz 6 Channel D/A Converter?
CS4340A CIRRUS-CS4340A_05 Datasheet
695Kb / 21P
24-Bit, 192 kHz Stereo DAC for Audio
CS4360 CIRRUS-CS4360_04 Datasheet
848Kb / 37P
24-Bit, 192 kHz 6 Channel D/A Converter
logo
Protek Devices
PA5134LV PROTEC-PA5134LV Datasheet
202Kb / 6P
24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
PA5144 PROTEC-PA5144 Datasheet
201Kb / 6P
24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
PA5144LV PROTEC-PA5144LV Datasheet
201Kb / 6P
24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
PA5240 PROTEC-PA5240 Datasheet
267Kb / 8P
24-Bit, 192 kHz Stereo A/D Converter for PCM Audio
logo
Suzhou Everest Semicond...
ES7145LV EVEREST-ES7145LV Datasheet
308Kb / 8P
10-pin, 24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
ES7144LV EVEREST-ES7144LV Datasheet
231Kb / 8P
10-pin, 24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com