Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4390 Datasheet (PDF) - Cirrus Logic

CS4390 Datasheet PDF - Cirrus Logic
Part # CS4390
Download  CS4390 Download
File Size   629.64 Kbytes
Page   22 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-Bit, Stereo D/A Converter for Digital Audio

CS4390 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4390 Datasheet PDF - Cirrus Logic

Part # CS4390
Download  CS4390 Click to download

File Size   629.64 Kbytes
Page   22 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-Bit, Stereo D/A Converter for Digital Audio

CS4390 Datasheet (HTML) - Cirrus Logic


CS4390 Product details

Description

The CS4390 is a complete stereo digital-to-analog output system. In addition to the traditional D/A function, the CS4390 includes a digital interpolation filter followed by an 128X oversampled delta-sigma modulator. The modulator output controls the reference voltage input to an ultra-linear analog low-pass filter. This architecture allows for infinite adjustment of sample rate between 1 and 50 kHz while maintaining linear phase response simply by changing the master clock frequency.



Features

24-Bit Conversion

115 dB Signal-to-Noise-Ratio (EIAJ)

Complete Stereo DAC System

  —128X Interpolation Filter

  —Delta-Sigma DAC

  —Analog Post Filter

106 dB Dynamic Range

Low Clock Jitter Sensitivity

Filtered Line-Level Outputs

   —Linear Phase Filtering

   —Zero Phase Error Between Channels

Adjustable System Sampling Rates

   —including 32 kHz, 44.1 kHz & 48 kHz

Digital De-emphasis for 32 kHz, 44.1 kHz, & 48 kHz

Pin-compatible with the CS4329




Similar Part No. - CS4390

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS4390-KS ETC2-CS4390-KS Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Similar Description - CS4390

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4329 CIRRUS-CS4329 Datasheet
1Mb / 36P
20-Bit, Stereo D/A Converter for Digital Audio
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
16-Bit Stereo A/D Converter for Digital Audio
CS5360 CIRRUS-CS5360 Datasheet
546Kb / 22P
24-Bit Stereo A/D Converter for Digital Audio
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
logo
Holtek Semiconductor In...
HT82V738 HOLTEK-HT82V738 Datasheet
120Kb / 9P
24-Bit Stereo Audio D/A Converter
October 16, 2003
logo
Cirrus Logic
CS5334 CIRRUS-CS5334 Datasheet
437Kb / 20P
20-Bit, Stereo A/D Converter for Digital Audio
logo
Protek Devices
PA5144LV PROTEC-PA5144LV Datasheet
201Kb / 6P
24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
PA5240 PROTEC-PA5240 Datasheet
267Kb / 8P
24-Bit, 192 kHz Stereo A/D Converter for PCM Audio
logo
Suzhou Everest Semicond...
ES7134S EVEREST-ES7134S Datasheet
360Kb / 8P
8-pin, 24-Bit Stereo D/A Converter for PCM Audio
ES7149 EVEREST-ES7149 Datasheet
364Kb / 9P
12-pin, 24-Bit Stereo D/A Converter for PCM Audio
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com