Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4329 Datasheet (PDF) - Cirrus Logic

CS4329 Datasheet PDF - Cirrus Logic
Part # CS4329
Download  CS4329 Download
File Size   1540.77 Kbytes
Page   36 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 20-Bit, Stereo D/A Converter for Digital Audio

CS4329 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4329 Datasheet PDF - Cirrus Logic

Part # CS4329
Download  CS4329 Click to download

File Size   1540.77 Kbytes
Page   36 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 20-Bit, Stereo D/A Converter for Digital Audio

CS4329 Datasheet (HTML) - Cirrus Logic


CS4329 Product details

Description
The CS4329 is a complete stereo digital-to-analog output system. In addition to the traditional D/A function, the CS4329 includes a digital interpolation filter followed by an 128X oversampled delta-sigma modulator. The modulator output controls the reference voltage input to an ultra-linear analog low-pass filter. This architecture allows for infinite adjustment of sample rate between 1 and 50 kHz while maintaining linear phase response simply by changing the master clock frequency.

Features
● 20-Bit Conversion
● 115 dB Signal-to-Noise-Ratio (EIAJ)
● Complete Stereo DAC System
    - 128X Interpolation Filter
    - Delta-Sigma DAC
    - Analog Post Filter
● 106 dB Dynamic Range
● Low Clock Jitter Sensitivity
● Filtered Line-Level Outputs
    - Linear Phase Filtering
    - Zero Phase Error Between Channels
● Adjustable System Sampling Rates
    - including 32 kHz, 44.1 kHz & 48 kHz
● Digital De-emphasis for 32 kHz, 44.1 kHz, & 48 kHz
● Pin-compatible with the CS4390




Similar Part No. - CS4329

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
CS4320U035 HVPSI-CS4320U035 Datasheet
164Kb / 2P
Ultra-fast High Voltage Diodes
CS4320U035 HVPSI-CS4320U035 Datasheet
167Kb / 2P
Ultra-fast High Voltage Diodes
CS4324U030 HVPSI-CS4324U030 Datasheet
164Kb / 2P
Ultra-fast High Voltage Diodes
CS4324U030 HVPSI-CS4324U030 Datasheet
167Kb / 2P
Ultra-fast High Voltage Diodes
logo
Cirrus Logic
CS4327 CIRRUS-CS4327 Datasheet
1Mb / 36P
Low Cost, 20-Bit, Stereo, Audio D/A Converter
More results


Similar Description - CS4329

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4327 CIRRUS-CS4327 Datasheet
1Mb / 36P
Low Cost, 20-Bit, Stereo, Audio D/A Converter
CS4330 CIRRUS-CS4330 Datasheet
1Mb / 38P
8 Pin Stereo D/A Converter for Digital Audio
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
24-Bit, Stereo D/A Converter for Digital Audio
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
16-Bit Stereo A/D Converter for Digital Audio
CS5330A CIRRUS-CS5330A Datasheet
899Kb / 30P
8-Pin, Stereo A/D Converter for Digital Audio
CS5360 CIRRUS-CS5360 Datasheet
546Kb / 22P
24-Bit Stereo A/D Converter for Digital Audio
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
CS5334 CIRRUS-CS5334 Datasheet
437Kb / 20P
20-Bit, Stereo A/D Converter for Digital Audio
CS5330A CIRRUS-CS5330A_06 Datasheet
254Kb / 16P
8-Pin, Stereo A/D Converter for Digital Audio
CS5336 CIRRUS-CS5336_V01 Datasheet
816Kb / 34P
16-Bit, Stereo A/D Converters for Digital Audio
AUG 93
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com