Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4327 Datasheet (PDF) - Cirrus Logic

CS4327 Datasheet PDF - Cirrus Logic
Part # CS4327
Download  CS4327 Download
File Size   1928.41 Kbytes
Page   36 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low Cost, 20-Bit, Stereo, Audio D/A Converter

CS4327 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4327 Datasheet PDF - Cirrus Logic

Part # CS4327
Download  CS4327 Click to download

File Size   1928.41 Kbytes
Page   36 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low Cost, 20-Bit, Stereo, Audio D/A Converter

CS4327 Datasheet (HTML) - Cirrus Logic


CS4327 Product details

Description
The CS4327 is a complete stereo digital-to-analog output system. In addition to the traditional D/A function, the CS4327 includes a digital interpolation filter followed by an 128X oversampled delta-sigma modulator. The modulator output controls the reference voltage input to an ultra-linear analog low-pass filter. This architecture allows for infinite adjustment of sample rate between 1 and 50 kHz while maintaining linear phase response simply by changing the master clock frequency.

Features
• 20-Bit Conversion
• 108 dB Signal-to-Noise-Ratio (EIAJ)
• 100 dB Dynamic Range
• Single-Ended Outputs
• Complete Stereo DAC System
    - 128X Interpolation Filter
    - Delta-Sigma DAC
    - Analog Post Filter
• Low Clock Jitter Sensitivity
• Filtered Line-Level Outputs
    - Linear Phase Filtering
    - Zero Phase Error Between Channels
• Digital De-emphasis for 32 kHz, 44.1 kHz & 48 kHz




Similar Part No. - CS4327

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
CS4320U035 HVPSI-CS4320U035 Datasheet
164Kb / 2P
Ultra-fast High Voltage Diodes
CS4320U035 HVPSI-CS4320U035 Datasheet
167Kb / 2P
Ultra-fast High Voltage Diodes
CS4324U030 HVPSI-CS4324U030 Datasheet
164Kb / 2P
Ultra-fast High Voltage Diodes
CS4324U030 HVPSI-CS4324U030 Datasheet
167Kb / 2P
Ultra-fast High Voltage Diodes
logo
Cirrus Logic
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
More results


Similar Description - CS4327

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4329 CIRRUS-CS4329 Datasheet
1Mb / 36P
20-Bit, Stereo D/A Converter for Digital Audio
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
logo
List of Unclassifed Man...
ZN429E8 ETC-ZN429E8 Datasheet
195Kb / 7P
LOW COST 8-BIT D-A CONVERTER
logo
Holtek Semiconductor In...
HT82V738 HOLTEK-HT82V738 Datasheet
120Kb / 9P
24-Bit Stereo Audio D/A Converter
October 16, 2003
logo
Cirrus Logic
CS5334 CIRRUS-CS5334 Datasheet
437Kb / 20P
20-Bit, Stereo A/D Converter for Digital Audio
logo
MOSA ELECTRONICS
MS6310 MOSA-MS6310 Datasheet
185Kb / 6P
Low Cost 16-Bit Stereo Audio DAC
logo
Cirrus Logic
CS5501-AP CIRRUS-CS5501-AP Datasheet
520Kb / 54P
Low-Cost, 16 & 20-Bit Measurement A/D Converter
logo
Unisonic Technologies
M1725 UTC-M1725 Datasheet
221Kb / 10P
16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
M1725 UTC-M1725_15 Datasheet
221Kb / 10P
16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
logo
MOSA ELECTRONICS
MS6309 MOSA-MS6309_10 Datasheet
1,007Kb / 9P
Low Cost 16-Bit Stereo Audio DAC
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com