Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5501-AP Datasheet (PDF) - Cirrus Logic

CS5501-AP Datasheet PDF - Cirrus Logic
Part # CS5501-AP
Download  CS5501-AP Download
File Size   520.93 Kbytes
Page   54 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low-Cost, 16 & 20-Bit Measurement A/D Converter

CS5501-AP Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5501-AP Datasheet PDF - Cirrus Logic

Part # CS5501-AP
Download  CS5501-AP Click to download

File Size   520.93 Kbytes
Page   54 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low-Cost, 16 & 20-Bit Measurement A/D Converter

CS5501-AP Datasheet (HTML) - Cirrus Logic


CS5501-AP Product details

Description

The CS5501 and CS5503 are low-cost CMOS A/D converters ideal for measuring low-frequency signals representing physical, chemical, and biological process es. They utilize charge-balance techniques to achieve 16-bit (CS5501) and 20-bit (CS5503) performance with up to 4 kHz word rates at very low cost.



Features
● Monolithic CMOS ADC with Filtering
    - 6-Pole, Low-Pass Gaussian Filter
● Up to 4 kHz Output Word Rates
    - On Chip Self-Calibration Circuitry
    - Linearity Error: ±0.0003%
    - Differential Nonlinearity:
        CS5501: 16-Bit No Missing Codes (DNL ±1/8 LSB)
        CS5503: 20-Bit No Missing Codes
● System Calibration Capability
● Flexible Serial Communications Port
    - µC-Compatible Formats
    - 3-State Data and Clock Outputs
    - UART Format (CS5501 only)
● Pin-Selectable Unipolar/Bipolar Ranges
● Low Power Consumption: 25 mW
    - 10 µW Sleep Mode for Portable Applications
● Evaluation Boards Available




Similar Part No. - CS5501-AP

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5501-BP CIRRUS-CS5501-BP Datasheet
702Kb / 54P
Non-aliasing, 16- & 20-bit A/D Converters
CS5501-BS CIRRUS-CS5501-BS Datasheet
702Kb / 54P
Non-aliasing, 16- & 20-bit A/D Converters
CS5501-BSZ CIRRUS-CS5501-BSZ Datasheet
702Kb / 54P
Non-aliasing, 16- & 20-bit A/D Converters
More results


Similar Description - CS5501-AP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD561 AD-AD561 Datasheet
210Kb / 8P
Low Cost 10-Bit Monolithic D/A Converter
logo
Cirrus Logic
CS4327 CIRRUS-CS4327 Datasheet
1Mb / 36P
Low Cost, 20-Bit, Stereo, Audio D/A Converter
logo
Microchip Technology
TC3401 MICROCHIP-TC3401 Datasheet
458Kb / 16P
16-Bit Low Cost, Low Power Sigma-Delta A/D Converter
2002
TC3405 MICROCHIP-TC3405 Datasheet
453Kb / 16P
16-Bit, Low Cost, Low Power Sigma-Delta A/D Converter
2002
logo
List of Unclassifed Man...
ZN429E8 ETC-ZN429E8 Datasheet
195Kb / 7P
LOW COST 8-BIT D-A CONVERTER
logo
Maxwell Technologies
5102ALP MAXWELL-5102ALP Datasheet
248Kb / 14P
16-Bit, 20 KHz A/D Converter
logo
Intersil Corporation
HI-DAC80V INTERSIL-HI-DAC80V_01 Datasheet
92Kb / 8P
12-Bit, Low Cost, Monolithic D/A Converter
March 2001
logo
Analog Devices
AD561SD-883B AD-AD561SD-883B Datasheet
524Kb / 6P
Low Cost 10-Bit Monolithic D/A Converter
REV. G
AD6012 AD-AD6012_15 Datasheet
2Mb / 6P
LOW COST MONOLITHIC 12 BIT D/A CONVERTER
AD561 AD-AD561_15 Datasheet
213Kb / 8P
Low Cost 10-Bit Monolithic D/A Converter
REV. A
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com