Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5501-AP Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS5501-AP
Description  Low-Cost, 16 & 20-Bit Measurement A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501-AP Datasheet(HTML) 2 Page - Cirrus Logic

  CS5501-AP Datasheet HTML 1Page - Cirrus Logic CS5501-AP Datasheet HTML 2Page - Cirrus Logic CS5501-AP Datasheet HTML 3Page - Cirrus Logic CS5501-AP Datasheet HTML 4Page - Cirrus Logic CS5501-AP Datasheet HTML 5Page - Cirrus Logic CS5501-AP Datasheet HTML 6Page - Cirrus Logic CS5501-AP Datasheet HTML 7Page - Cirrus Logic CS5501-AP Datasheet HTML 8Page - Cirrus Logic CS5501-AP Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
CS5501 ANALOG CHARACTERISTICS (TA = TMIN to TMAX; VA+, VD+ = 5V;
VA-, VD- = -5V; VREF = 2.5V; CLKIN = 4.096MHz; Bipolar Mode; MODE = +5V; Rsource = 750
Ω with a 1nF
to AGND at AIN (see Note 1); Digital Inputs: Logic 0 = GND; Logic 1 = VD+; unless otherwise specified.)
CS5501-A, B, C
CS5501-S, T
Parameter*
Min
Typ
Max
Min
Typ
Max
Units
Specified Temperature Range
-40 to +85
-55 to +125
°C
Accuracy
Linearity Error
-A, S
-B, T
-C
-
-
-
0.0015
0.0007
0.0003
0.003
0.0015
0.0012
-
-
-
0.0007
0.003
0.0015
±%FS
±%FS
±%FS
Differential Nonlinearity
TMIN to TMAX
-
±1/8
±1/2
-
±1/8
±1/2
LSB16
Full Scale Error
(Note 2)
-
±0.13
±0.5
-
±0.13
±0.5
LSB16
Full Scale Drift
(Note 3)
-
±1.2
--
±2.3
-LSB16
Unipolar Offset
(Note 2)
-
±0.25
±1
-
±0.25
±1
LSB16
Unipolar Offset Drift
(Note 3)
-
±4.2
--
+3.0
-25.0
-LSB16
Bipolar Offset
(Note 2)
-
±0.25
±1
-
±0.25
±1
LSB16
Bipolar Offset Drift
(Note 3)
-
±2.1
--
+1.5
-12.5
-LSB16
Bipolar Negative Full Scale Error
(Note 2)
-
±0.5
±2
-
±0.5
±2
LSB16
Bipolar Negative Full Scale Drift
(Note 3)
-
±0.6
--
±1.2
-LSB16
Noise (Referred to Output)
-
1/10
-
-
1/10
-
LSBrms
Notes:
1. The AIN pin presents a very high input resistance at dc and a minor dynamic load which scales to the
master clock frequency. Both source resistance and shunt capacitance are therefore critical in
determining the CS5501’s source impedance requirements. For more information refer the text section
Analog Input Impedance Considerations.
2. Applies after calibration at the temperature of interest.
3. Total drift over the specified temperature range since calibration at power-up at 25
°C (see Figure 11).
This is guaranteed by design and /or characterization. Recalibration at any temperature will remove
these errors.
Unipolar Mode
Bipolar Mode
µV
LSB’s
%FS
ppm FS LSB’s
%FS
ppm FS
10
0.26
0.0004
4
0.13
0.0002
2
19
0.50
0.0008
8
0.26
0.0004
4
38
1.00
0.0015
15
0.50
0.0008
8
76
2.00
0.0030
30
1.00
0.0015
15
152
4.00
0.0061
61
2.00
0.0030
30
CS5501 Unit Conversion Factors, VREF = 2.5V
* Refer to the Specification Definitions immediately following the Pin Description Section.
CS5501/CS5503
2
DS31F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com