Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5501-AP Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5501-AP
Description  Low-Cost, 16 & 20-Bit Measurement A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501-AP Datasheet(HTML) 5 Page - Cirrus Logic

  CS5501-AP Datasheet HTML 1Page - Cirrus Logic CS5501-AP Datasheet HTML 2Page - Cirrus Logic CS5501-AP Datasheet HTML 3Page - Cirrus Logic CS5501-AP Datasheet HTML 4Page - Cirrus Logic CS5501-AP Datasheet HTML 5Page - Cirrus Logic CS5501-AP Datasheet HTML 6Page - Cirrus Logic CS5501-AP Datasheet HTML 7Page - Cirrus Logic CS5501-AP Datasheet HTML 8Page - Cirrus Logic CS5501-AP Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
DYNAMIC CHARACTERISTICS
Parameter
Symbol
ts
fs
fout
f-3dB
CLKIN/ 256
Units
Hz
s
Hz
Hz
Settling Time to
+0.0007% FS (FS Step)
_
Sampling Frequency
Output Update Rate
Filter Corner Frequency
CLKIN /1024
CLKIN /409,600
Ratio
506,880/CLKIN
Continuous-Time Representation of 6-Pole Gaussian Filter
H(x) = [1 + 0.694x
2 + 0.241x4 + 0.0557x6 + 0.009664x8 + 0.00134x10 + 0.000155x12]-1/2
where
x = f/f-3dB,
f-3dB = CLKIN/409,600, and f is the frequency of interest.
S-Domain Pole/Zero Plot (Continuous-Time Representation)
S1,2 = -1.4667
± j1.8199
S3,4 = -1.7559
± j1.0008
S5,6 = -1.8746
± j0.32276
Frequency Response
-1
-2
-j2
-j1
j2
j1
1
10
100
1000
Frequency in Hz
-140
-120
-100
-80
-60
-40
-20
0
20
CLKIN = 2 MHz
CLKIN = 1 MHz
CLKIN = 4 MHz
-
σ
j
ω
CS5501/CS5503
DS31F2
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com