Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4327 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS4327
Description  Low Cost, 20-Bit, Stereo, Audio D/A Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4327 Datasheet(HTML) 4 Page - Cirrus Logic

  CS4327 Datasheet HTML 1Page - Cirrus Logic CS4327 Datasheet HTML 2Page - Cirrus Logic CS4327 Datasheet HTML 3Page - Cirrus Logic CS4327 Datasheet HTML 4Page - Cirrus Logic CS4327 Datasheet HTML 5Page - Cirrus Logic CS4327 Datasheet HTML 6Page - Cirrus Logic CS4327 Datasheet HTML 7Page - Cirrus Logic CS4327 Datasheet HTML 8Page - Cirrus Logic CS4327 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
CS4327
4
DS190F1
SWITCHING CHARACTERISTICS (T
A = 25 °C; VA+ = 5.0 V; Inputs: Logic 0 = 0 V, Logic 1 = VD+,
CL = 20 pF)
Parameter
Symbol
Min
Typ
Max
Unit
Input Sample Rate
Fs
1
-
50
kHz
MCLK Pulse Width High
MCLK/LRCK = 512
10
-
-
ns
MCLK Pulse Width Low
MCLK/LRCK = 512
10
-
-
ns
MCLK Pulse Width High
MCLK/LRCK = 384
21
-
-
ns
MCLK Pulse Width Low
MCLK/LRCK = 384
21
-
-
ns
MCLK Pulse Width High
MCLK/LRCK = 256
31
-
-
ns
MCLK Pulse Width Low
MCLK/LRCK = 256
31
-
-
ns
External SCLK Mode
SCLK Pulse Width Low
tsclkl
20
-
-
ns
SCLK Pulse Width High
tsclkh
20
-
-
ns
SCLK Period
tsclkw
--
ns
SCLK rising to LRCK edge delay
tslrd
20
-
-
ns
SCLK rising to LRCK edge setup time
tslrs
20
-
-
ns
SDATA valid to SCLK rising setup time
tsdlrs
20
-
-
ns
SCLK rising to SDATA hold time
tsdh
20
-
-
ns
Internal SCLK Mode
SCLK Period
SCLK/LRCK = 64
tsclkw
--
ns
SCLK rising to LRCK edge
tsclkr
--
ns
SDATA valid to SCLK rising setup time
tsdlrs
--
ns
SCLK rising to SDATA hold time
MCLK/LRCK = 256 or 512
tsdh
--
ns
SCLK rising to SDATA hold time
MCLK/LRCK = 384
tsdh
--
ns
1
128(Fs)
--------------------
1
64(Fs)
-----------------
t
sc lk w
2
------------------
1
512(Fs)
--------------------
10
+
1
512(Fs)
--------------------
15
+
1
384(Fs)
--------------------
15
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com