Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4327 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS4327
Description  Low Cost, 20-Bit, Stereo, Audio D/A Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4327 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS4327 Datasheet HTML 15Page - Cirrus Logic CS4327 Datasheet HTML 16Page - Cirrus Logic CS4327 Datasheet HTML 17Page - Cirrus Logic CS4327 Datasheet HTML 18Page - Cirrus Logic CS4327 Datasheet HTML 19Page - Cirrus Logic CS4327 Datasheet HTML 20Page - Cirrus Logic CS4327 Datasheet HTML 21Page - Cirrus Logic CS4327 Datasheet HTML 22Page - Cirrus Logic CS4327 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
CS4327
DS190F1
19
PACKAGE DIMENSIONS
E
A
A1
D
E1
A2
1
1
SIDE VIEW
END VIEW
TOP VIEW
Seating
Plane
N
13
2
SSOP Package
Dimensions
N
MILLIMETERS
MIN NOM MAX
20
28
6.90 7.20 7.50
9.90 10.20 10.50
Note
1
1
∝
DIM
MILLIMETERS
MIN NOM MAX
A
A1
A2
b
D
E1
e
E
L
N
--
2.13
0.05
0.15 0.25
1.62 1.75 1.88
0.22
0.30 0.38
see other table
5.00 5.30 5.60
7.40 7.80 8.20
0.63 0.90 1.03
see other table
0°4°
8°
Note
2, 3
1
1
e
b
2
0.61 0.65 0.69
L
INCHES
MIN NOM MAX
--
0.084
0.002 0.006 0.010
0.064 0.070 0.074
0.009 0.012 0.015
see other table
0.197 0.209 0.220
0.291 0.307 0.323
0.025 0.035 0.040
see other table
0°
4°
8°
0.024 0.026 0.027
D
INCHES
MIN NOM MAX
0.272 0.283 0.295
0.390 0.402 0.413
NOTES:
1. DIMENSIONS D AND E1 ARE REFERENCE DATUMS
AND DO NOT INCLUDE MOLD FLASH OR
PROTRUSIONS, BUT DO INCLUDE MOLD MISMATCH
AND ARE MEASURED AT THE PARTING LINE. MOLD
FLASH OR PROTRUSIONS SHALL NOT EXCEED
0.20mm PER SIDE.
2. DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION/INTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.13mm TOTAL IN EXCESS OF
b DIMENSION AT MAXIMUM MATERIAL CONDITION.
DAMBAR INTRUSION SHALL NOT REDUCE DIMENSION
b BY MORE THAN 0.07mm AT LEAST MATERIAL
CONDITION.
3. THESE DIMENSIONS APPLY TO THE FLAT SECTION
OF THE LEAD BETWEEN 0.10 AND 0.25mm FROM LEAD
TIPS.
16
5.90 6.20 6.50
1
0.232 0.244 0.256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com