Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4327 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS4327
Description  Low Cost, 20-Bit, Stereo, Audio D/A Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4327 Datasheet(HTML) 3 Page - Cirrus Logic

  CS4327 Datasheet HTML 1Page - Cirrus Logic CS4327 Datasheet HTML 2Page - Cirrus Logic CS4327 Datasheet HTML 3Page - Cirrus Logic CS4327 Datasheet HTML 4Page - Cirrus Logic CS4327 Datasheet HTML 5Page - Cirrus Logic CS4327 Datasheet HTML 6Page - Cirrus Logic CS4327 Datasheet HTML 7Page - Cirrus Logic CS4327 Datasheet HTML 8Page - Cirrus Logic CS4327 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
CS4327
DS190F1
3
ANALOG CHARACTERISTICS (Continued)
POWER AND THERMAL CHARACTERISTICS (T
A = 25 °C; Internal SCLK; Full-Scale Output
Sine wave, 997 Hz; 12.288 MHz MCLK; Fs = 48 kHz; Input Data = 20 Bits; SCLK = 3.072 MHz; RL = 10 kΩ;
VD+ = VD+ = 5 V; Logic 1 = VD+, Logic 0 = DGND; Measurement Bandwidth is 10 Hz to 20 kHz, unweighted,
unless otherwise specified.)
Parameter
Symbol
Min
Typ
Max
Unit
dc Accuracy
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Error
-
±2
±5
%
Gain Drift
-
200
-
ppm/°C
Analog Output
Full Scale Output Voltage
0.95
1.0
1.05
Vrms
Load Resistance
6
-
-
k
Ω
Load Capacitance
-
-
100
pF
Output Common Mode Voltage
-
2.3
-
V
Parameter
Symbol
Min
Typ
Max
Unit
Power Supply Current
Normal Operation
Power Down
IA+
ID+
(IA+) + (ID+)
(IA+) + (ID+)
-
-
-
-
25
12
37
300
-
-
43
-
mA
mA
mA
µA
Power Dissipation
Normal Operation
Power-down
-
-
185
1.5
215
-
mW
mW
Power Supply Rejection Ratio (1 kHz)
PSRR
-
60
-
dB
Allowable Junction Temperature
-
-
135
°C
Junction to Ambient Thermal Impedance
Θ
JA
-
120
-
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com