Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4327 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS4327
Description  Low Cost, 20-Bit, Stereo, Audio D/A Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4327 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS4327 Datasheet HTML 13Page - Cirrus Logic CS4327 Datasheet HTML 14Page - Cirrus Logic CS4327 Datasheet HTML 15Page - Cirrus Logic CS4327 Datasheet HTML 16Page - Cirrus Logic CS4327 Datasheet HTML 17Page - Cirrus Logic CS4327 Datasheet HTML 18Page - Cirrus Logic CS4327 Datasheet HTML 19Page - Cirrus Logic CS4327 Datasheet HTML 20Page - Cirrus Logic CS4327 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
CS4327
DS190F1
17
Digital Inputs
MCLK - Clock Input, PIN 8.
The frequency must be either 256x, 384x or 512x the input sample rate (Fs).
LRCK - Left/Right Clock, PIN 7.
This input determines which channel is currently being input on the Serial Data Input pin,
SDATA. The format of LRCK is controlled by DIF0 and DIF1.
SCLK - Serial Bit Input Clock, PIN 9.
Clocks the individual bits of the serial data in from the SDATA pin. The edge used to latch
SDATA is controlled by DIF0 and DIF1.
SDATA - Serial Data Input, PIN 10.
Two’s complement MSB-first serial data of either 16, 18 or 20 bits is input on this pin. The
data is clocked into the CS4327 via the SCLK clock, and the channel is determined by the
LRCK clock. The format for the previous two clocks is determined by the Digital Input Format
pins, DIF0 and DIF1.
DIF0, DIF1 - Digital Input Format, PINS 15, 11
These two pins select one of four formats for the incoming serial data stream. These pins set
the format of the SCLK and LRCK clocks with respect to SDATA. The formats are listed in
Table 2.
DEM0, DEM1 - De-Emphasis Select, PINS 1, 2.
Controls the activation of the standard 50/15 µs de-emphasis filter for either 32, 44.1 or 48 kHz
sample rates.
AUTO_MUTE - Automatic Mute on Idle Channel Input, PIN 12.
When AUTO_MUTE is low the analog outputs are muted following an idle channel detection.
Idle channel is defined as an input of static 1's or static 0's during 8192 consecutive LRCK
cycles. Mute is canceled with the return of active channel input data.
CMFILT - Common Mode Filter, PIN 16
Used to filter the common mode output voltage with a 1 µF capacitor. This pin is not intended
to supply any current and should not be used for the generation of an external bias voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com