Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4327 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS4327
Description  Low Cost, 20-Bit, Stereo, Audio D/A Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4327 Datasheet(HTML) 2 Page - Cirrus Logic

  CS4327 Datasheet HTML 1Page - Cirrus Logic CS4327 Datasheet HTML 2Page - Cirrus Logic CS4327 Datasheet HTML 3Page - Cirrus Logic CS4327 Datasheet HTML 4Page - Cirrus Logic CS4327 Datasheet HTML 5Page - Cirrus Logic CS4327 Datasheet HTML 6Page - Cirrus Logic CS4327 Datasheet HTML 7Page - Cirrus Logic CS4327 Datasheet HTML 8Page - Cirrus Logic CS4327 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
CS4327
2
DS190F1
ANALOG CHARACTERISTICS (T
A = 25 °C; Internal SCLK; Full-Scale Output Sine wave, 997 Hz;
12.288 MHz MCLK; Fs = 48 kHz; Input Data = 20 Bits; SCLK = 3.072 MHz; RL = 10 kΩ; VD+ = VA+ = 5 V;
Logic 1 = VD+, Logic 0 = DGND; Measurement Bandwidth is 10 Hz to 20 kHz, unweighted, unless otherwise spec-
ified.)
Notes: 1. Triangular PDF Dithered Data
2. Auto-mute enabled. See parameter definitions.
3. Group Delay for Fs = 48 kHz
25/48 kHz = 520 µs
Parameter
Symbol
Min
Typ
Max
Unit
Specified Temperature Operating Range
TA
-10
-
70
°C
Dynamic Performance
Dynamic Range
(Note 1)
20-Bit
(A-Weighted)
18-Bit
(A-Weighted)
16-Bit
(A-Weighted)
93
96
-
-
-
-
97
100
97
100
93
95
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 1)
20-Bit
0 dB
-20 dB
-60 dB
18-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
THD+N
-87
-
-33
-
-
-
-
-
-
-93
-77
-37
-93
-77
-37
-93
-77
-37
-
-
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
dB
dB
Idle Channel Noise / Signal-to-Noise-Ratio
(Note 2)
-
108
-
dBFS
Interchannel Isolation
(1 kHz)
-
-105
-
dB
Combined Digital and Analog Filter Characteristics
Frequency Response 10 Hz to 20 kHz
Fs = 48 kHz
-
±0.1
-
dB
Deviation from linear phase
-
±0.5
-
deg
Passband: to -0.1 dB corner
0
-
0.4535
Fs
Passband Ripple
-
-
±0.002
dB
StopBand
0.5465
-
-
Fs
StopBand Attenuation
72
-
-
dB
Group Delay
(Note 3)
-
25/Fs
-
s
De-emphasis Error
-
-
±0.2
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com