Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4329 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS4329
Description  20-Bit, Stereo D/A Converter for Digital Audio
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4329 Datasheet(HTML) 2 Page - Cirrus Logic

  CS4329 Datasheet HTML 1Page - Cirrus Logic CS4329 Datasheet HTML 2Page - Cirrus Logic CS4329 Datasheet HTML 3Page - Cirrus Logic CS4329 Datasheet HTML 4Page - Cirrus Logic CS4329 Datasheet HTML 5Page - Cirrus Logic CS4329 Datasheet HTML 6Page - Cirrus Logic CS4329 Datasheet HTML 7Page - Cirrus Logic CS4329 Datasheet HTML 8Page - Cirrus Logic CS4329 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
CS4329
2
DS153F1
ANALOG CHARACTERISTICS (T
A = 25°C; Full-Scale Differential Output Sine wave, 997 Hz; Fs =
48 kHz; Input Data = 20 Bits; SCLK = 3.072 MHz; MCLK = 12.288 MHz; RL = 20 kΩ differential; VD = VA = 5 V;
Logic "1" = VD; Logic "0" = DGND; Measurement Bandwidth is 10 Hz to 20 kHz, unweighted unless otherwise
specified.)
Parameter
Symbol
Min
Typ
Max
Unit
Specified Temperature Operating Range
TA
-10
-
70
°C
Dynamic Performance
Dynamic Range
20-Bit
(Note 1)
(A-Weighted)
18-Bit
(A-Weighted)
16-Bit
(A-Weighted)
98
101
-
-
-
-
103
106
101
104
94
96
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 1)
20-Bit
0 dB
-20 dB
-60 dB
18-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
THD+N
-90
-78
-38
-
-
-
-
-
-
-97
-83
-43
-96
-81
-41
-93
-74
-34
-
-
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
dB
dB
Idle Channel Noise / Signal-to-Noise-Ratio
(Note 2)
-
115
-
dBFS
Interchannel Isolation
(1 kHz)
-
-110
-
dB
Combined Digital and Analog Filter Characteristics
Frequency Response 10 Hz to 20 kHz
(Note 3)
-
±0.1
-
dB
Deviation from linear phase
-
±0.5
-
deg
Passband: to -0.1 dB corner
(Note 3)
0
-
21.77
kHz
Passband Ripple
-
-
±0.001
dB
StopBand
(Note 3)
26.23
-
-
kHz
StopBand Attenuation
(Note 3)
75
-
-
dB
Group Delay
(Note 4)
-
25/Fs
-
s
De-emphasis Error (referenced to 1 kHz)
Fs = 32 kHz
Fs = 44.1 kHz
Fs = 48 kHz
-
-
-
-
-
-
+0.3/-0.3
+0.2/-0.4
+0.1/-0.45
dB
dB
dB
dc Accuracy
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Error
-
±2
±5
%
Gain Drift
-
200
-
ppm/°C
Power Supplies
Power Supply Current:
Normal Operation
Power-down
IA
ID
IA+ID
-
-
-
-
30
12
42
500
-
-
45
-
mA
mA
mA
µA
Power Dissipation
Normal Operation
Power-down
-
-
185
2.5
22.5
-
mW
mW
Power Supply Rejection Ratio (1 kHz)
PSRR
-
60
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com