Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4329 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS4329
Description  20-Bit, Stereo D/A Converter for Digital Audio
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4329 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS4329 Datasheet HTML 20Page - Cirrus Logic CS4329 Datasheet HTML 21Page - Cirrus Logic CS4329 Datasheet HTML 22Page - Cirrus Logic CS4329 Datasheet HTML 23Page - Cirrus Logic CS4329 Datasheet HTML 24Page - Cirrus Logic CS4329 Datasheet HTML 25Page - Cirrus Logic CS4329 Datasheet HTML 26Page - Cirrus Logic CS4329 Datasheet HTML 27Page - Cirrus Logic CS4329 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
CDB4329 CDB4390
24
DS153DB3
Table 1. System Connections
Notes: 1. * Default setting from factory
Table 2. CDB4329/90 Jumper Selectable Options
CONNECTOR
INPUT/OUTPUT
SIGNAL PRESENT
+5V
input
+5 Volts for the CS4329/90, CS8412 and digital section
±12V
input
±12 volts for analog filter section
GND
input
ground connection from power supply
Digital input
input
digital audio interface input via coax
Optical input
input
digital audio interface input via optical
J1
input/output
I/O for system clocks and digital audio data
AOUTL
output
left channel analog output
AOUTR
output
right channel analog output
JUMPER
PURPOSE
POSITION
FUNCTION SELECTED
CSLR/FCK
Selects channel for
CS8412 channel status
information
L
R
See CS8412 data sheet for details
Clock Select
Selects source of system
clocks and data
*8412
EXT
CS8412 clock/data source
External clock/data source
J22
J23
Selects MCLK as
input or output
0
1
See
Input/Output for Clocks and Data section of
text
M0
M1
M2
M3
CS8412 mode select
*Low
*Low
*Low
*Low
See CS8412 data sheet for details
auto_mute
CS4329/90 Auto Mute
*Low
High
On
Off
DEM0
DEM1
De-emphasis select
*High
*Low
See CS4329 and CS4390 data sheets for details
set for 44.1 kHz
DIF0
DIF1
DIF2
CS4329/90 digital input
format
*High
*High
*Low
See CS4329 and CS4390 data sheets for details
SCLK
CS4329/90 SCLK Mode
*INT
EXT
Internal SCLK Mode
External SCLK Mode
DEM_8412
Selects source of de-
emphasis control
*Low
High
CS8412 de-emphasis
De-emphasis input static high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com