Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4329 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS4329
Description  20-Bit, Stereo D/A Converter for Digital Audio
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4329 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS4329 Datasheet HTML 19Page - Cirrus Logic CS4329 Datasheet HTML 20Page - Cirrus Logic CS4329 Datasheet HTML 21Page - Cirrus Logic CS4329 Datasheet HTML 22Page - Cirrus Logic CS4329 Datasheet HTML 23Page - Cirrus Logic CS4329 Datasheet HTML 24Page - Cirrus Logic CS4329 Datasheet HTML 25Page - Cirrus Logic CS4329 Datasheet HTML 26Page - Cirrus Logic CS4329 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
CDB4329 CDB4390
DS153DB3
23
The transceiver operates as a transmitter with the
CLK SOURCE jumper in the 8412 position.
LRCK, SDATA, and SCLK from the CS8412 will
be available on J1. J22 must be in the 0 position and
J23 must be in the 1 position for MCLK to be an
output and to avoid bus contention on MCLK.
The transceiver operates as a receiver with the CLK
SOURCE jumper in the EXTERNAL position.
LRCK, SDATA and SCLK on J1 become inputs.
The CS8412 must be removed from the evaluation
board for operation in this mode.
There are 2 options for the source of MCLK in the
EXT CLK source mode. MCLK can be an input
with J23 in the 1 position and J22 in the 0 position.
However, the recommended mode of operation is
to generate MCLK on the evaluation board. MCLK
becomes an output with LRCK, SCLK and SDA-
TA inputs. This technique insures that the
CS4329/90 receives a jitter free clock to maximize
performance. This can be accomplished by install-
ing a crystal oscillator into U4, see Figure 9 (the
socket for U4 is located within the footprint for the
CS8412) and placing J22 in the 1 position and J23
in the 0 position.
Analog Filter
The design of the second-order Butterworth low-
pass filter, Figure 6, is discussed in the CS4329 and
CS4390 data sheets and the applications note "De-
sign Notes for a 2-pole Filter with Differential In-
put."
Grounding and Power Supply Decoupling
The CS4329/90 requires careful attention to power
supply and grounding arrangements to optimize
performance. The recommended power arrange-
ments would be VA+ connected to a clean +5 Volt
supply. The voltage VD+ (pin 6 of the CS4329/90)
should be derived from VA+ through a 2 ohm resis-
tor and should not used for any additional digital
circuitry. Ideally, mode pins which require this
voltage should be connected directly to VD+ (pin 6
of the CS4329/90) and mode pins which require
DGND should be connected directly to pin 5 of the
CS4329/90. AGND and DGND, Pins 4 and 5, are
connected together at the CS4329/90. However, it
was not possible to connect VD+ (pin 6 of the
CS4329/90) and DGND to the mode pins on the
CDB4329/90 due to layout complications resulting
from the hardware selected to exercise the features
of the CS4329/90.
Figure 2 shows the CS4329/90 and connections.
The evaluation board has separate analog and digi-
tal regions with individual ground planes. DGND
for the CS4329/90 should not be confused with the
ground for the digital section of the system (GND).
The CS4329/90 is positioned over the analog
ground plane near the digital/analog ground plane
split. These ground planes are connected elsewhere
on the board. This layout technique is used to min-
imize digital noise and to insure proper power sup-
ply
matching/sequencing.
The
decoupling
capacitors are located as close to the CS4329/90 as
possible. Extensive use of ground plane fill on both
the analog and digital sections of the evaluation
board yield large reductions in radiated noise ef-
fects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com