Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4329 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4329
Description  20-Bit, Stereo D/A Converter for Digital Audio
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4329 Datasheet(HTML) 1 Page - Cirrus Logic

  CS4329 Datasheet HTML 1Page - Cirrus Logic CS4329 Datasheet HTML 2Page - Cirrus Logic CS4329 Datasheet HTML 3Page - Cirrus Logic CS4329 Datasheet HTML 4Page - Cirrus Logic CS4329 Datasheet HTML 5Page - Cirrus Logic CS4329 Datasheet HTML 6Page - Cirrus Logic CS4329 Datasheet HTML 7Page - Cirrus Logic CS4329 Datasheet HTML 8Page - Cirrus Logic CS4329 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1
Copyright
© Cirrus Logic, Inc. 1998
(All Rights Reserved)
Cirrus Logic, Inc.
Crystal Semiconductor Products Division
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.crystal.com
CS4329
20-Bit, Stereo D/A Converter for Digital Audio
Features
l 20-Bit Conversion
l 115 dB Signal-to-Noise-Ratio (EIAJ)
l Complete Stereo DAC System
- 128X Interpolation Filter
- Delta-Sigma DAC
- Analog Post Filter
l 106 dB Dynamic Range
l Low Clock Jitter Sensitivity
l Filtered Line-Level Outputs
- Linear Phase Filtering
- Zero Phase Error Between Channels
l Adjustable System Sampling Rates
- including 32 kHz, 44.1 kHz & 48 kHz
l Digital De-emphasis for 32 kHz, 44.1 kHz, &
48 kHz
l Pin-compatible with the CS4390
Description
The CS4329 is a complete stereo digital-to-analog out-
put system. In addition to the traditional D/A function, the
CS4329 includes a digital interpolation filter followed by
an 128X oversampled delta-sigma modulator. The mod-
ulator output controls the reference voltage input to an
ultra-linear analog low-pass filter. This architecture al-
lows for infinite adjustment of sample rate between 1 and
50 kHz while maintaining linear phase response simply
by changing the master clock frequency.
The CS4329 also includes an extremely flexible serial
port utilizing mode select pins to support multiple inter-
face formats.
The master clock can be either 256, 384, or 512 times
the
input
sample
rate,
supporting
various
audio
environments.
ORDERING INFORMATION
CS4329-KP
-10° to 70° C
20-pin Plastic DIP
CS4329-KS
-10° to 70° C
20-pin Plastic SSOP
CDB4329
Evaluation Board
I
LRCK
AUTO_MUTE
DGND
DIF0
MUTE_L
20
16
5
11
7
SCLK
9
SDATA
10
DIF1
19
DEM0
1
DEM1
2
MCLK
8
AGND
4
VA
VD
AOUTL+
18
AOUTR+
14
Serial Input
Interface
Interpolator
Interpolator
De-emphasis
Delta-Sigma
Modulator
Delta-Sigma
Modulator
DAC
DAC
Voltage Reference
Analog
Low-Pass
Filter
Analog
Low-Pass
Filter
DIF2
12
3
6
AOUTL-
17
AOUTR-
13
MUTE_R
15
APR ‘98
DS153F1


Similar Part No. - CS4329

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
CS4320U035 HVPSI-CS4320U035 Datasheet
164Kb / 2P
Ultra-fast High Voltage Diodes
CS4320U035 HVPSI-CS4320U035 Datasheet
167Kb / 2P
Ultra-fast High Voltage Diodes
CS4324U030 HVPSI-CS4324U030 Datasheet
164Kb / 2P
Ultra-fast High Voltage Diodes
CS4324U030 HVPSI-CS4324U030 Datasheet
167Kb / 2P
Ultra-fast High Voltage Diodes
logo
Cirrus Logic
CS4327 CIRRUS-CS4327 Datasheet
1Mb / 36P
Low Cost, 20-Bit, Stereo, Audio D/A Converter
More results

Similar Description - CS4329

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4327 CIRRUS-CS4327 Datasheet
1Mb / 36P
Low Cost, 20-Bit, Stereo, Audio D/A Converter
CS4330 CIRRUS-CS4330 Datasheet
1Mb / 38P
8 Pin Stereo D/A Converter for Digital Audio
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
24-Bit, Stereo D/A Converter for Digital Audio
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
16-Bit Stereo A/D Converter for Digital Audio
CS5330A CIRRUS-CS5330A Datasheet
899Kb / 30P
8-Pin, Stereo A/D Converter for Digital Audio
CS5360 CIRRUS-CS5360 Datasheet
546Kb / 22P
24-Bit Stereo A/D Converter for Digital Audio
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
CS5334 CIRRUS-CS5334 Datasheet
437Kb / 20P
20-Bit, Stereo A/D Converter for Digital Audio
CS5330A CIRRUS-CS5330A_06 Datasheet
254Kb / 16P
8-Pin, Stereo A/D Converter for Digital Audio
CS5336 CIRRUS-CS5336_V01 Datasheet
816Kb / 34P
16-Bit, Stereo A/D Converters for Digital Audio
AUG 93
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com