Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4329 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS4329
Description  20-Bit, Stereo D/A Converter for Digital Audio
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4329 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS4329 Datasheet HTML 13Page - Cirrus Logic CS4329 Datasheet HTML 14Page - Cirrus Logic CS4329 Datasheet HTML 15Page - Cirrus Logic CS4329 Datasheet HTML 16Page - Cirrus Logic CS4329 Datasheet HTML 17Page - Cirrus Logic CS4329 Datasheet HTML 18Page - Cirrus Logic CS4329 Datasheet HTML 19Page - Cirrus Logic CS4329 Datasheet HTML 20Page - Cirrus Logic CS4329 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
CS4329
DS153F1
17
Digital Inputs
MCLK - Clock Input, PIN 8.
The frequency must be either 256×, 384× or 512× the input sample rate (Fs).
LRCK - Left/Right Clock, PIN 7.
This input determines which channel is currently being input on the Serial Data Input pin,
SDATA. The format of LRCK is controlled by DIF0, DIF1 and DIF2.
SCLK - Serial Bit Input Clock, PIN 9.
Clocks the individual bits of the serial data in from the SDATA pin. The edge used to latch
SDATA is controlled by DIF0, DIF1 and DIF2.
SDATA - Serial Data Input, PIN 10.
Two's complement MSB-first serial data of either 16, 18 or 20 bits is input on this pin. The
data is clocked into the CS4329 via the SCLK clock and the channel is determined by the
LRCK clock. The format for the previous two clocks is determined by the Digital Input Format
pins, DIF0, DIF1 and DIF2.
DIF0, DIF1, DIF2 - Digital Input Format, PINS 20, 19, 12
These three pins select one of seven formats for the incoming serial data stream. These pins set
the format of the SCLK and LRCK clocks with respect to SDATA. The formats are listed in
Table 2.
DEM0, DEM1 - De-Emphasis Select, PINS 1, 2.
Controls the activation of the standard 50/15us de-emphasis filter for either 32, 44.1 or 48 kHz
sample rates.
AUTO-MUTE - Automatic Mute on Zero-Data, PIN 11.
When Auto-Mute is low the analog outputs are muted following 8192 consecutive LRCK
cycles of static 0 or 1 data. Mute is canceled with the return of non-static input data.
MUTE_R , MUTE_L Mute, PINS 15, 16.
MUTE_L low activates a muting function for the Left channel. MUTE_R low activates a
muting function for the Right channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com