Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4329 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS4329
Description  20-Bit, Stereo D/A Converter for Digital Audio
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4329 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS4329 Datasheet HTML 18Page - Cirrus Logic CS4329 Datasheet HTML 19Page - Cirrus Logic CS4329 Datasheet HTML 20Page - Cirrus Logic CS4329 Datasheet HTML 21Page - Cirrus Logic CS4329 Datasheet HTML 22Page - Cirrus Logic CS4329 Datasheet HTML 23Page - Cirrus Logic CS4329 Datasheet HTML 24Page - Cirrus Logic CS4329 Datasheet HTML 25Page - Cirrus Logic CS4329 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
CDB4329 CDB4390
22
DS153DB3
CDB4329/90 SYSTEM OVERVIEW
The CDB4329/90 evaluation board is an excellent
means of quickly evaluating the CS4329/90. The
CS8412 digital audio interface receiver provides an
easy interface to digital audio signal sources in-
cluding the majority of digital audio test equip-
ment. The evaluation board also allows the user to
supply clocks and data through a 10-pin header for
system development.
The CDB4329/90 schematic has been partitioned
into 8 schematics shown in Figures 2 through 9.
Each partitioned schematic is represented in the
system diagram shown in Figure 1. Notice that the
system diagram also includes the interconnections
between the partitioned schematics.
CS4329/90 Digital to Analog Converter
A description of the CS4329 or CS4390 is included
in the CS4329 and CS4390 data sheets.
CS8412 Digital Audio Receiver
The system receives and decodes the standard
S/PDIF data format using a CS8412 Digital Audio
Receiver, Figure 9. The outputs of the CS8412 in-
clude a serial bit clock, serial data, left-right clock
(FSYNC), de-emphasis control and a 256Fs master
clock.
During normal operation, the CS8412 operates in
the Channel Status mode where the LED’s display
channel status information for the channel selected
by the CSLR/FCK jumper. This allows the CS8412
to decode and supply the de-emphasis bit from the
digital audio interface for control of the CS4329/90
de-emphasis filter via pin 3, CC/F0, of the CS8412.
When the Error Information Switch is activated,
the CS8412 operates in the Error and Frequency in-
formation mode. The information displayed by the
LED’s can be decoded by consulting the CS8412
data sheet. If the Error Information Switch is acti-
vated, the CC/F0 output has no relation to the de-
emphasis bit and it is likely that the de-emphasis
control for the CS4329/90 will be erroneous and
produce an incorrect audio output.
Encoded sample frequency information can be dis-
played provided a proper clock is being applied to
the FCK pin of the CS8412. When an LED is lit,
this indicates a "1" on the corresponding pin locat-
ed on the CS8412. When an LED is off, this indi-
cates a "0" on the corresponding pin. Neither the L
or R option of CSLR/FCK should be selected if the
FCK pin is being driven by a clock signal.
The evaluation board has been designed such that
the input can be either optical or coax, Figure 8. It
is not necessary to select the active input. However,
both inputs can not be driven simultaneously.
Data Format
The CS4329/90 must be configured to be compati-
ble with the incoming data and can be set with
DIF0, DIF1, and DIF2. The CS8412 data format
can be set with the M0, M1, M2 and M3. There are
several data formats which the CS8412 can pro-
duce that are compatible with CS4329/90. Refer to
Table 2 for one possibility.
Power Supply Circuitry
Power is supplied to the evaluation board by four
binding posts, Figure 10. The +5 Volt input sup-
plies power to the CS4329/90 (through VA+), the
CS8412 (through VA+ and VD+), and the +5 Volt
digital circuitry (through VD+). The ±12 volt input
supplies power to the analog filter circuitry.
Input/Output for Clocks and Data
The evaluation board has been designed to allow
the interface to external systems via the 10-pin
header, J1. This header allows the evaluation board
to accept externally generated clocks and data. The
schematic for the clock/data I/O is shown in Figure
7. The 74HC243 transceiver functions as an I/O
buffer where the CLK SOURCE jumper deter-
mines if the transceiver operates as a transmitter or
receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com