Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4329 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS4329
Description  20-Bit, Stereo D/A Converter for Digital Audio
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4329 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS4329 Datasheet HTML 7Page - Cirrus Logic CS4329 Datasheet HTML 8Page - Cirrus Logic CS4329 Datasheet HTML 9Page - Cirrus Logic CS4329 Datasheet HTML 10Page - Cirrus Logic CS4329 Datasheet HTML 11Page - Cirrus Logic CS4329 Datasheet HTML 12Page - Cirrus Logic CS4329 Datasheet HTML 13Page - Cirrus Logic CS4329 Datasheet HTML 14Page - Cirrus Logic CS4329 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
CS4329
DS153F1
11
Serial Clock
The serial clock controls the shifting of data into
the input data buffers. The CS4329 supports both
external and internal serial clock generation modes.
External Serial Clock
The CS4329 will enter the external serial clock
mode if 15 or more high\low transitions are detect-
ed on the SCLK pin during any phase of the LRCK
period. When this mode is enabled, internal serial
clock mode cannot be accessed without returning
to the power down mode.
Internal Serial Clock
In the Internal Serial Clock Mode, the serial clock
is internally derived and synchronous with MCLK.
The internal SCLK / LRCK ratio is always 64 and
operation in this mode is identical to operation with
an external serial clock synchronized with LRCK.
The SCLK pin must be connected to DGND for
proper operation.
The internal serial clock mode is advantageous in
that there are situations where improper serial
clock routing on the printed circuit board can de-
grade system performance. The use of the internal
serial clock mode simplifies the routing of the
printed circuit board by allowing the serial clock
trace to be deleted and avoids possible interference
effects.
Mute Functions
The CS4329 includes an auto-mute function which
will initiate a mute if 8192 consecutive 0’s or 1’s are
input on both the Left and Right channels. The
mute will be released when non-static input data is
applied to the DAC. The auto-mute function is use-
ful for applications, such as compact disk players,
where the idle channel noise must be minimized.
This feature is active only if the AUTO_MUTE pin
is low and is independent of the status of MUTE_L
and MUTE_R. Either channel can also be muted
instantaneously with the MUTE_L or MUTE_R.
De-Emphasis
Implementation of digital de-emphasis requires re-
configuration of the digital filter to maintain the fil-
ter response shown in Figure 8 at multiple sample
rates. The CS4329 is capable of digital de-empha-
sis for 32, 44.1 or 48kHz sample rates. Table 3
shows the de-emphasis control inputs for DEM 0
and DEM 1.
Table 3. De-Emphasis Filter Selection
Initialization, Calibration and Power-Down
Upon initial power-up, the DAC enters the power-
down mode. The interpolation filters and delta-sig-
ma modulators are reset, and the internal voltage
reference, one-bit D/A converters and switched-ca-
pacitor low-pass filters are powered down. The de-
vice will remain in the power-down mode until
MCLK and LRCK are presented. Once MCLK and
LRCK are detected, MCLK occurrences are count-
ed over one LRCK period to determine the
MCLK/LRCK frequency ratio. The phase and fre-
quency relationship between the two clocks must
remain fixed. If during any LRCK this relationship
DEM 1
DEM 0
De-emphasis
00
32 kHz
01
44.1 kHz
10
48 kHz
11
OFF
Gain
dB
-10dB
0dB
Frequency
T2 = 15
µs
T1=50
µs
F1
3.183 kHz
F2
10.61 kHz
Figure 8. De-emphasis Filter Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com