Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5360 Datasheet (PDF) - Cirrus Logic

CS5360 Datasheet PDF - Cirrus Logic
Part # CS5360
Download  CS5360 Download
File Size   546.07 Kbytes
Page   22 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-Bit Stereo A/D Converter for Digital Audio

CS5360 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5360 Datasheet PDF - Cirrus Logic

Part # CS5360
Download  CS5360 Click to download

File Size   546.07 Kbytes
Page   22 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-Bit Stereo A/D Converter for Digital Audio

CS5360 Datasheet (HTML) - Cirrus Logic


CS5360 Product details

Description
The CS5360 is a 2-channel, single +5 V supply, 24-bit analog-to-digital converter for digital audio systems. The CS5360 performs sampling, analog-to-digital conversion and anti-alias filtering, generating 24-bit values for both left and right inputs in serial form. The output word rate can be up to 50 kHz per channel.

Features
● 24 Bit Conversion
● 105 dB Dynamic Range
● -95 dB THD+N
● 128X Oversampling
● Fully Differential Inputs
● Linear Phase Digital Anti-Alias Filtering
    – 21.7 kHz passband (Fs = 48kHz)
    – 85 dB stop band attenuation
    – 0.0025 dB pass band ripple
● High Pass Filter - DC Offset Removal
● Peak Signal Level Detector
    – High Resolution and Bar Graph Modes
● Pin Compatible with CS5334 and CS5335




Similar Part No. - CS5360

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5360 CIRRUS-CS5360 Datasheet
749Kb / 18P
Evaluation Board
More results


Similar Description - CS5360

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4329 CIRRUS-CS4329 Datasheet
1Mb / 36P
20-Bit, Stereo D/A Converter for Digital Audio
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
24-Bit, Stereo D/A Converter for Digital Audio
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
16-Bit Stereo A/D Converter for Digital Audio
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
logo
Holtek Semiconductor In...
HT82V738 HOLTEK-HT82V738 Datasheet
120Kb / 9P
24-Bit Stereo Audio D/A Converter
October 16, 2003
logo
Cirrus Logic
CS5334 CIRRUS-CS5334 Datasheet
437Kb / 20P
20-Bit, Stereo A/D Converter for Digital Audio
logo
Protek Devices
PA5144LV PROTEC-PA5144LV Datasheet
201Kb / 6P
24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
PA5240 PROTEC-PA5240 Datasheet
267Kb / 8P
24-Bit, 192 kHz Stereo A/D Converter for PCM Audio
logo
Suzhou Everest Semicond...
ES7134S EVEREST-ES7134S Datasheet
360Kb / 8P
8-pin, 24-Bit Stereo D/A Converter for PCM Audio
ES7149 EVEREST-ES7149 Datasheet
364Kb / 9P
12-pin, 24-Bit Stereo D/A Converter for PCM Audio
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com