Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5360 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS5360
Description  24-Bit Stereo A/D Converter for Digital Audio
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5360 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS5360 Datasheet HTML 4Page - Cirrus Logic CS5360 Datasheet HTML 5Page - Cirrus Logic CS5360 Datasheet HTML 6Page - Cirrus Logic CS5360 Datasheet HTML 7Page - Cirrus Logic CS5360 Datasheet HTML 8Page - Cirrus Logic CS5360 Datasheet HTML 9Page - Cirrus Logic CS5360 Datasheet HTML 10Page - Cirrus Logic CS5360 Datasheet HTML 11Page - Cirrus Logic CS5360 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
CS5360
8
DS280PP2
+
1
µF0.1 µF
2
Ω
+
1
µF
0.1
µF
+5V Analog
VD+
VA+
63
2.2 nF
150
Ω
150
Ω
Left Analog
Input +
Left Analog
Input -
17
16
2.2 nF
150
Ω
150
Ω
Right Analog
Input +
Right Analog
Input -
13
14
15
AINL+
AINL-
CMOUT
AINR+
AINR-
2
11
Peak Signal
Level Monitor
1
20
Mode
Settings
19
18
9
Audio Data
Processing
12
8
Timing, Logic
&
Clock
10
7
OVFL
PU
HP DEFEAT
DIF0
DIF1
RST
LRCK
SCLK
FRAME
MCLK
SDATA
DGND
AGND
54
47 k
Ω
*
47 k
Ω
**
Required for Master Mode only
Required for Bar Graph Mode only
*
**
100
Ω
100
Ω
100
Ω
100
Ω
CS5360
Figure 6. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com