Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5360 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS5360
Description  24-Bit Stereo A/D Converter for Digital Audio
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5360 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS5360 Datasheet HTML 5Page - Cirrus Logic CS5360 Datasheet HTML 6Page - Cirrus Logic CS5360 Datasheet HTML 7Page - Cirrus Logic CS5360 Datasheet HTML 8Page - Cirrus Logic CS5360 Datasheet HTML 9Page - Cirrus Logic CS5360 Datasheet HTML 10Page - Cirrus Logic CS5360 Datasheet HTML 11Page - Cirrus Logic CS5360 Datasheet HTML 12Page - Cirrus Logic CS5360 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
CS5360
DS280PP2
9
2. SYSTEM DESIGN
The CS5360 is a 24-bit, 2-channel analog-to-digital
converter designed for digital audio applications.
This device uses two one-bit delta-sigma modula-
tors which simultaneously sample the analog input
signals at 128 times the output sample rate (Fs).
The resulting serial bit streams are digitally fil-
tered, yielding a pair of 24-bit values. This tech-
nique yields nearly ideal conversion performance
independent of input frequency and amplitude. The
converter does not require difficult-to-design or ex-
pensive anti-alias filters and does not require exter-
nal sample-and-hold amplifiers or a voltage
reference. Very few external components are re-
quired to support this ADC. Normal power supply
decoupling components and a resistor and capaci-
tor on each input for anti-aliasing are the only ex-
ternal components required, as shown in Figure 6.
An on-chip voltage reference provides for a differ-
ential input signal range of 2.0 Vrms. Output data
is available in serial form, coded as 2’scomplement,
24-bit numbers. Typical power consumption is
325 mW which can be reduced to 1.0 mW by using
the power-down feature.
2.1
Master Clock
The master clock (MCLK) is the clock source for
the delta-sigma modulator and digital filters. In
Master Mode, the frequency of this clock must be
256x Fs. In SlaveMode, the master clock must be
either 256x, 384x or 512x Fs. Table 1 shows some
common master clock frequencies.
Table 1. Common Clock Frequencies
3. SERIAL DATA INTERFACE
The CS5360 supports three serial data formats, in-
cluding I2S, selected via the digital interface format
pins DIF0 and DIF1. The digital interface format de-
termines the relationship between the serial data,
left/right clock and serial clock. Table 2 lists the
three formats and their associated figure number.
The serial data interface is accomplished via the se-
rial data output, SDATA, serial data clock, SCLK,
and the left/right clock, LRCK.
Table 2. Digital Input Formats
3.1
Serial Data
The serial data block consists of 24 bits of audio
data presented in 2’s-complement format with the
MSB-first followed by 8 Peak Signal Level, PSL,
bits as shown in Figure 7. The data is clocked from
SDATA by the serial clock and the channel is de-
termined by the Left/Right clock.
3.2
Serial Clock
The serial clock shifts the digital audio data from the
internal data registers via the SDATA pin. SCLK is
an output in Master Mode. Internal dividers will di-
vide the master clock by 4 to generate a serial clock
which is 64x Fs. In Slave Mode, SCLK is an input
with a serial clock typically between 48x and 96x Fs.
However, the serial clock must be a minimum of 64x
Fs to access the Peak Signal Level bits.
LRCK
(kHz)
MCLK (MHz)
256 X
384 X
512 X
32
8.1920
12.2880
16.3840
44.1
11.2896
16.9344
22.5792
48
12.2880
18.4320
24.5760
DIF1
DIF0
FORMAT
FIGURE
00
0
8
01
1
9
10
2
10
1
1
power-down
-
SDATA
FRAME
P7
23 22
1
0
P6
P1 P0
24 Audio
Data Bits
8 PSL Bits
21 20 19 18
Figure 7. Data Block and Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com