Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5360 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS5360
Description  24-Bit Stereo A/D Converter for Digital Audio
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5360 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS5360 Datasheet HTML 13Page - Cirrus Logic CS5360 Datasheet HTML 14Page - Cirrus Logic CS5360 Datasheet HTML 15Page - Cirrus Logic CS5360 Datasheet HTML 16Page - Cirrus Logic CS5360 Datasheet HTML 17Page - Cirrus Logic CS5360 Datasheet HTML 18Page - Cirrus Logic CS5360 Datasheet HTML 19Page - Cirrus Logic CS5360 Datasheet HTML 20Page - Cirrus Logic CS5360 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
CS5360
DS280PP2
17
Positive Digital Power - VD+
Pin 6, Input
Function:
Positive digital supply. Nominally +5 volts.
Master Clock - MCLK
Pin 7, Input
Function:
Clock source for the delta-sigma modulator sampling and digital filters. In Master Mode, the frequency of
this clock must be 256x the output sample rate, Fs. In Slave Mode, the frequency of this clock must be
either 256x, 384x or 512x Fs.
Serial Data Clock - SCLK
Pin 8, Input/Output
Function:
Clocks the individual bits of the serial data out from the SDATA pin. The relationship between LRCK,
SCLK and SDATA is controlled by DIF0 and DIF1.In Master Mode, SCLK is an output clock with a
frequency of 64x the output sample rate, Fs.In Slave Mode, SCLK is an input.
Serial Data Output - SDATA
Pin 9, Output
Function:
Two’s complement MSB-first serial data of 24 bits is output on this pin. Included in the serial data output
is the 8-bit Input Signal Level Bits. The data is clocked out via the SCLK clock and the channel is
determined by LRCK. The relationship between LRCK, SCLK and SDATA is controlled by DIF0 and
DIF1.
Peak Update - PU
Pin 11, Input
Function:
Transfers the Peak Signal Level contents of the Active Registers to the Output Registers on a high to
low transition on this pin. This transition will also reset the Active register.
Frame Signal - FRAME
Pin 10, Output
Function:
Frames the Peak Signal Level (PSL) Bits. FRAME goes high coincident with the leading edge of the first
PSL bit and falls coincident with the trailing edge of the last PSL bit as shown in Figures 8-10. A 47 k
Ω
pull-down resistor on this pin will set the Peak Signal Level Monitoring format to "Bar Graph" mode.
Left/Right Clock - LRCK
Pin 12, Input/Output
Function:
LRCK determines which channel, left or right, is to be output on SDATA. The relationship between
LRCK, SCLK and SDATA is controlled by DIF0 and DIF1. Although the outputs for each channel are
transmitted at different times, Left/Right pairs represent simultaneously sampled analog inputs. In
Master Mode, LRCK is an output clock whose frequency is equal to the output sample rate, Fs. In Slave
Mode, LRCK is an input clock whose frequency must be equal to Fs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com