Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5360 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS5360
Description  24-Bit Stereo A/D Converter for Digital Audio
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5360 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS5360 Datasheet HTML 8Page - Cirrus Logic CS5360 Datasheet HTML 9Page - Cirrus Logic CS5360 Datasheet HTML 10Page - Cirrus Logic CS5360 Datasheet HTML 11Page - Cirrus Logic CS5360 Datasheet HTML 12Page - Cirrus Logic CS5360 Datasheet HTML 13Page - Cirrus Logic CS5360 Datasheet HTML 14Page - Cirrus Logic CS5360 Datasheet HTML 15Page - Cirrus Logic CS5360 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
CS5360
12
DS280PP2
taken high during normal operation, the current
value of the dc offset register is frozen and this dc
offset will continue to be subtracted from the con-
version result. This feature makes it possible to per-
form a system calibration by:
1) removing the signal source (or grounding the
input signal) at the input to the subsystem con-
taining the CS5360,
2) running the CS5360 with the HP DEFEAT pin
low (high pass filter enabled) until the filter set-
tles (approximately 1 second), and
3) taking the HP DEFEAT pin high, disabling the
high pass filter and freezing the stored dc off-
set.
A system calibration performed in this way will
eliminate offsets anywhere in the signal path be-
tween the calibration point and the CS5360.
The characteristics of the first-order high pass filter
are outlined below for an output sample rate of
48 kHz. This filter response scales linearly with
sample rate.
Frequency response: -3 dB @ 0.9 Hz
-0.01 dB @ 20 Hz
Phase deviation:
2.6 degrees @ 20 Hz
Passband ripple:
None
4. INPUT LEVEL MONITORING
The CS5360 includes independent Peak Input Lev-
el Monitoring for each channel. The analog-to-dig-
ital converter continually monitors the peak digital
signal for both channels, prior to the digital limiter,
and records these values in the Active registers.
This information can be transferred to the Output
registers by a high to low transition on the Peak Up-
date pin (PU) which will also reset the Active reg-
ister. The Active register contains the peak signal
level since the previous peak update request.
The 8-bit contents of the output registers are avail-
able in all interface modes and are present in the
data block as shown in Figure 7. The monitoring
function can be formatted to indicate either High
Resolution Mode or Bar Graph Mode. The moni-
toring function is determined on power-up by the
presence of a 47 k
Ω pull-down resistor on
FRAME. The addition of a 47 k
Ω pull-down resis-
tor on the FRAME pin sets the monitoring function
to the Bar Graph mode.
4.1
High Resolution Mode
Bits P7-P0 indicate the peak input level since the
previous peak update (or low transition on the Peak
Update pin). If the full scale input level is exceeded
(Bit P7 high), bits P5-P0 represent the peak value
up to 3 dB above full-scale in 1 dB steps. If the
ADC input level is less than full-scale, bits P5-P0
represent the peak value from -60 dB to 0 dB of full
scale in 1 dB steps. The PSL outputs are accurate to
within 0.25 dB. Bit P6 provides a coarse means of
determining an ADC input idle condition. Bit P7
indicates an ADC overflow condition, if the ADC
input level is greater than full-scale.
P7 - Overrange
0 - Analog input less than full-scale level
1 - Analog input greater than full-scale
P6 - Idle channel
0 - Analog input >-60 dB from full-scale
1 - Analog input <-60 dB from full-scale
P5 to P0 - Peak Signal Level Bits (1 dB steps)
Inputs <0 dB
P5 - P0
0 dB
000000
-1 dB
000001
-2 dB
000010
-60 dB
111100
Inputs >0 dB
P5 - P0
0 dB
000000
+1 dB
000001
+2 dB
000010
+3 dB
000011
Table 3. Peak Signal Level Bits - High Resolution Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com