Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5360 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS5360
Description  24-Bit Stereo A/D Converter for Digital Audio
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5360 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS5360 Datasheet HTML 7Page - Cirrus Logic CS5360 Datasheet HTML 8Page - Cirrus Logic CS5360 Datasheet HTML 9Page - Cirrus Logic CS5360 Datasheet HTML 10Page - Cirrus Logic CS5360 Datasheet HTML 11Page - Cirrus Logic CS5360 Datasheet HTML 12Page - Cirrus Logic CS5360 Datasheet HTML 13Page - Cirrus Logic CS5360 Datasheet HTML 14Page - Cirrus Logic CS5360 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
CS5360
DS280PP2
11
3.3
Left / Right Clock
The Left/Right clock determines which channel,
left or right, is to be output on SDATA. Although
the outputs for each channel are transmitted at dif-
ferent times, Left/Right pairs represent simulta-
neously sampled analog inputs. In Master Mode,
LRCK is an output whose frequency is equal to Fs.
In Slave Mode, LRCK is an input whose frequency
must be equal to the output sample rate, Fs.
3.4
Master Mode
In Master mode, SCLK and LRCK are outputs
which are internally derived from the Master
Clock. Internal dividers will divide MCLK by 4 to
generate a SCLK which is 64x Fs and by 256 to
generate a LRCK which is equal to Fs. Master
mode is only supported with a 256x master clock.
The CS5360 is placed in the Master mode with a
47 k
Ω pull-down resistor on the OVFL pin.
3.5
Slave Mode
LRCK and SCLK become inputs in SLAVE mode.
LRCK must be externally derived from MCLK and
be equal to Fs. The serial clock is typically between
64x and 96x Fs. A 48x Fs serial clock is possible
though will not allow access to the Peak Signal
Level bits. Master clock frequencies of 256x, 384x
and 512x Fs are supported. The ratio of the applied
master clock to the left/right clock is automatically
detected during power-up and internal dividers are
set to generate the appropriate internal clocks.
3.6
Analog Connections
Figure 6 shows the analog input connections. The
analog inputs are presented to the modulators via
the AINR+/- and AINL+/- pins. Each analog input
pin will accept a maximum of 1Vrms centered at
+2.2 Volt as shown in Figure 11. Input signals can
be AC or DC coupled and the CMOUT output may
be used as a reference for DC coupling. However,
CMOUT is not buffered, and the maximum current
is 10 µA.
The CS5360 samples the analog inputs at 128x Fs,
6.144MHz for a 48kHz sample-rate. The digital fil-
ter rejects all noise above 26.3kHz except for fre-
quencies right around 6.144MHz ±21.7kHz (and
multiples of 6.144MHz). Most audio signals do not
have significant energy at 6.144MHz. Neverthe-
less, a 150
Ω resistor in series with each analog in-
put and a 2.2 nF capacitor across the inputs will
attenuate any noise energy at 6.144MHz, in addi-
tion to providing the optimum source impedance
for the modulators. The use of capacitors which
have a large voltage coefficient must be avoided
since these will degrade signal linearity. NPO and
COG capacitors are acceptable. If active circuitry
precedes the ADC, it is recommended that the
above RC filter is placed between the active circuit-
ry and the AINR and AINL pins. The above exam-
ple frequencies scale linearly with the sample rate.
3.7
High Pass Filter
The operational amplifiers in the input circuitry
driving the CS5360 may generate a small DC offset
into the A/D converter. The CS5360 includes a
high pass filter after the decimator to remove any
DC offset which could result in recording a DC lev-
el, possibly yielding "clicks" when switching be-
tween devices in a multichannel system. The high
pass filter can be disabled with the HP DEFEAT
pin.
The high pass filter works by continuously sub-
tracting a measure of the dc offset from the output
of the decimation filter. If the HP DEFEAT pin is
3.6 V
2.2 V
0.78 V
3.6 V
2.2 V
0.78 V
CS5360
AIN+
AIN-
Full Scale Input level= (AIN+) - (AIN-)= 5.67 Vpp
Figure 11. Full Scale Input Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com