Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5360 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5360
Description  24-Bit Stereo A/D Converter for Digital Audio
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5360 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5360 Datasheet HTML 12Page - Cirrus Logic CS5360 Datasheet HTML 13Page - Cirrus Logic CS5360 Datasheet HTML 14Page - Cirrus Logic CS5360 Datasheet HTML 15Page - Cirrus Logic CS5360 Datasheet HTML 16Page - Cirrus Logic CS5360 Datasheet HTML 17Page - Cirrus Logic CS5360 Datasheet HTML 18Page - Cirrus Logic CS5360 Datasheet HTML 19Page - Cirrus Logic CS5360 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
CS5360
16
DS280PP2
5. PIN DESCRIPTIONS
High Pass Filter Defeat - HP DEFEAT
Pin 1, Input
Function
A high logic level on this pin disables the digital high pass filter. A low logic level on this pin enables the
high pass filter.
Overflow - OVFL
Pin 2, Input
Function
Overflow indicates analog input overrange, for both the Left and Right channels, since the last update
request on the PEAK UPDATE (PU) pin. A value of 1 in the register indicates an overrange condition.
The left channel information is output on OVFL during the left channel portion of LRCK. The right
channel information is available on OVFL during the right channel portion of LRCK. The registers are
updated with a high to low transition on the PEAK UPDATE pin. A 47 k
Ω pull-down resistor on this pin
will set the CS5360 in Master Mode.
Positive Analog Power - VA+
Pin 3, Input
Function:
Positive analog supply. Nominally +5 volts.
Analog Ground - AGND
Pin 4, Input
Function:
Analog ground reference.
DGND - Digital Ground
Pin 5, Input
Function:
Digital ground reference.
1
2
3
4
5
6
7
813
14
15
16
17
18
19
20
DIF0
DIF1
RST
AINL+
AINL-
CMOUT
AINR-
AINR+
SCLK
MCLK
VD+
DGND
AGND
VA+
OVFL
HPDEFEAT
9
10
11
12
LRCK
PU
FRAME
SDATA
Serial Data Clock
Master Clock
Digital Power
Digital Ground
Analog Ground
Analog Power
Overflow
High Pass Filter Defeat
Frame Signal
Serial Data Output
Digital Interface Format 0
Digital Interface Format 1
Reset
Non-Inverting Left Channel Input
Inverting Left Channel Input
Common Mode Output
Inverting Right Channel Input
Non-Inverting Right Channel Input
Left / Right Clock
Peak Update



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com