Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5360 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5360
Description  24-Bit Stereo A/D Converter for Digital Audio
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5360 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5360 Datasheet HTML 1Page - Cirrus Logic CS5360 Datasheet HTML 2Page - Cirrus Logic CS5360 Datasheet HTML 3Page - Cirrus Logic CS5360 Datasheet HTML 4Page - Cirrus Logic CS5360 Datasheet HTML 5Page - Cirrus Logic CS5360 Datasheet HTML 6Page - Cirrus Logic CS5360 Datasheet HTML 7Page - Cirrus Logic CS5360 Datasheet HTML 8Page - Cirrus Logic CS5360 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 1999
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
CS5360
24-Bit Stereo A/D Converter for Digital Audio
Features
l 24 Bit Conversion
l 105 dB Dynamic Range
l -95 dB THD+N
l 128X Oversampling
l Fully Differential Inputs
l Linear Phase Digital Anti-Alias Filtering
– 21.7 kHz passband (Fs = 48kHz)
– 85 dB stop band attenuation
– 0.0025 dB pass band ripple
l High Pass Filter - DC Offset Removal
l Peak Signal Level Detector
– High Resolution and Bar Graph Modes
l Pin Compatible with CS5334 and CS5335
Description
The CS5360 is a 2-channel, single +5 V supply, 24-bit
analog-to-digital converter for digital audio systems. The
CS5360 performs sampling, analog-to-digital conversion
and anti-alias filtering, generating 24-bit values for both
left and right inputs in serial form. The output word rate
can be up to 50 kHz per channel.
The CS5360 uses 4th-order, delta-sigma modulation
with 128X oversampling followed by digital filtering and
decimation, which removes the need for an external anti-
alias filter. This ADC uses a differential architecture
which provides excellent noise rejection.
The CS5360 has a filter passband to 21.7 kHz. The filter
has linear phase, 0.0025 dB passband ripple, and
>85 dB stopband rejection. An on-chip high pass filter is
also included to remove DC offsets.
ORDERING INFORMATION
CS5360-KS
-10° to 70°C
20-pin Plastic SSOP
CS5360-BS
-40° to 85°C
20-pin Plastic SSOP
I
Voltage Reference
Serial Output Interface
Digital
Filter
High
Pass
Filter
High
Pass
Filter
Decimation
Digital
Filter
Decimation
LP Filter
DAC
-
+
-
+
S/H
LP Filter
DAC
-
+
-
+
S/H
AINR+
AGND
OVFL
SCLK
LRCK
SDATA
28
12
9
4
13
VA+
3
VD+
6
RST
18
FRAME
10
MCLK
7
DGND
5
PU
11
HP DEFEAT
1
AINR-
14
Comparator
Comparator
AINL+
17
AINL-
16
CMOUT
15
DIF0
20
DIF1
19
OCT ‘99
DS280PP2


Similar Part No. - CS5360

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5360 CIRRUS-CS5360 Datasheet
749Kb / 18P
Evaluation Board
More results

Similar Description - CS5360

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4329 CIRRUS-CS4329 Datasheet
1Mb / 36P
20-Bit, Stereo D/A Converter for Digital Audio
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
24-Bit, Stereo D/A Converter for Digital Audio
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
16-Bit Stereo A/D Converter for Digital Audio
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
logo
Holtek Semiconductor In...
HT82V738 HOLTEK-HT82V738 Datasheet
120Kb / 9P
24-Bit Stereo Audio D/A Converter
October 16, 2003
logo
Cirrus Logic
CS5334 CIRRUS-CS5334 Datasheet
437Kb / 20P
20-Bit, Stereo A/D Converter for Digital Audio
logo
Protek Devices
PA5144LV PROTEC-PA5144LV Datasheet
201Kb / 6P
24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
PA5240 PROTEC-PA5240 Datasheet
267Kb / 8P
24-Bit, 192 kHz Stereo A/D Converter for PCM Audio
logo
Suzhou Everest Semicond...
ES7134S EVEREST-ES7134S Datasheet
360Kb / 8P
8-pin, 24-Bit Stereo D/A Converter for PCM Audio
ES7149 EVEREST-ES7149 Datasheet
364Kb / 9P
12-pin, 24-Bit Stereo D/A Converter for PCM Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com