Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5126 Datasheet (PDF) - Cirrus Logic

CS5126 Datasheet PDF - Cirrus Logic
Part # CS5126
Download  CS5126 Download
File Size   394.61 Kbytes
Page   32 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 16-Bit Stereo A/D Converter for Digital Audio

CS5126 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5126 Datasheet PDF - Cirrus Logic

Part # CS5126
Download  CS5126 Click to download

File Size   394.61 Kbytes
Page   32 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 16-Bit Stereo A/D Converter for Digital Audio

CS5126 Datasheet (HTML) - Cirrus Logic


CS5126 Product details

Description
The CS5126 CMOS analog-to-digital converter is an ideal front-end for stereo or monaural digital audio systems. The CS5126 can be configured to handle two channels at up to 50 kHz sampling per channel, or it can be configured to sample one channel at rates up to 100 kHz.

Features
● Monolithic CMOS A/D Converter
    - Inherent Sampling Architecture
    - Stereo or Monaural Capability
    - Serial Output
● Monaural Sampling Rates up to 100 kHz
    - 50 kHz/Channel Stereo Sampling
● Signal-to-(Noise+Distortion): 92 dB
● Dynamic Range: 92 dB
    - 95 dB in 2X Oversampling Schemes
● Interchannel Isolation: 90 dB
● 2’s Complement or Binary Coding
● Low Power Dissipation: 260 mW
    - Power Down Mode for Portable Applications
● Evaluation Board Available




Similar Part No. - CS5126

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5126 CHERRY-CS5126 Datasheet
172Kb / 10P
High Performance, Integrated Current Mode PWM Controllers
Rev. 3/12/99
CS5126XD8 CHERRY-CS5126XD8 Datasheet
172Kb / 10P
High Performance, Integrated Current Mode PWM Controllers
Rev. 3/12/99
CS5126XDR8 CHERRY-CS5126XDR8 Datasheet
172Kb / 10P
High Performance, Integrated Current Mode PWM Controllers
Rev. 3/12/99
More results


Similar Description - CS5126

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9480F ROHM-BU9480F Datasheet
56Kb / 5P
16-bit stereo D / A converter for audio applications
logo
Sanyo Semicon Device
LC78817 SANYO-LC78817 Datasheet
137Kb / 6P
16-Bit D/A Converter for Digital Audio?
logo
Cirrus Logic
CS4329 CIRRUS-CS4329 Datasheet
1Mb / 36P
20-Bit, Stereo D/A Converter for Digital Audio
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
24-Bit, Stereo D/A Converter for Digital Audio
CS5360 CIRRUS-CS5360 Datasheet
546Kb / 22P
24-Bit Stereo A/D Converter for Digital Audio
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
CS5336 CIRRUS-CS5336 Datasheet
681Kb / 34P
16-Bit, Stereo A/D Converters for Digital Audio
CS5334 CIRRUS-CS5334 Datasheet
437Kb / 20P
20-Bit, Stereo A/D Converter for Digital Audio
logo
Unisonic Technologies
M1725 UTC-M1725_15 Datasheet
221Kb / 10P
16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
logo
Cirrus Logic
CS5336 CIRRUS-CS5336_V01 Datasheet
816Kb / 34P
16-Bit, Stereo A/D Converters for Digital Audio
AUG 93
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com