Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5126 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS5126
Description  16-Bit Stereo A/D Converter for Digital Audio
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5126 Datasheet(HTML) 2 Page - Cirrus Logic

  CS5126 Datasheet HTML 1Page - Cirrus Logic CS5126 Datasheet HTML 2Page - Cirrus Logic CS5126 Datasheet HTML 3Page - Cirrus Logic CS5126 Datasheet HTML 4Page - Cirrus Logic CS5126 Datasheet HTML 5Page - Cirrus Logic CS5126 Datasheet HTML 6Page - Cirrus Logic CS5126 Datasheet HTML 7Page - Cirrus Logic CS5126 Datasheet HTML 8Page - Cirrus Logic CS5126 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
ANALOG CHARACTERISTICS (TA = 25°C; VA+, VD+ = 5V; VA-, VD- = -5V;
Full-Scale Input Sinewave, 1kHz; fclk = 24.576MHz; VREF = 4.5V; Analog Source Impedance = 200
Ω;
Stereo operation, L/R toggling at 48 kHz unless otherwise specified.)
Parameter*
Symbol
Min
Typ
Max
Units
Resolution
-
-
16
Bits
Dynamic Performance
Signal-to-(Noise plus Distortion)
VIN =
±FS
(10 Hz to 20 kHz)
VIN = -20dB
(f = 20 kHz)
S/(N+D)
90
70
92
72
-
-
dB
dB
Total Harmonic Distortion
THD
-
0.001
-
%
Dynamic Range
Stereo Mode
Monaural (20 kHz BW)
DR
90
-
92
95
-
-
dB
dB
Idle Channel Noise
Vn(ic)
-1/2
-
LSBrms
Interchannel Isolation
(Note 1)
Iic
88
90
-
dB
Interchannel Mismatch
Mic
-0.01
-
dB
dc Accuracy
Full-Scale Error
FSE
-
±4
-LSB
Bipolar Offset Error
BPO
-
±4
-LSB
Analog Input
Aperture Time
tapt
-30
-
ns
Aperture Jitter
tajt
-
100
-
ps
Input Capacitance
(Note 2)
Cin
-
200
-
pF
Power Supplies
Power Supply Current
Positive Analog
(Note 3)
Negative Analog
(SLEEP High)
Positive Digital
Negative Digital
IA+
IA-
ID+
ID-
-
-
-
-
18
-18
8
-8
23
-23
12
-12
mA
mA
mA
mA
Power Dissipation
(SLEEP High)
(Notes 3, 4)
(SLEEP Low)
Pdo
Pds
-
-
260
1
350
-
mW
mW
Power Supply Rejection
Positive Supplies
(Note 5)
Negative Supplies
PSR
-
-
84
84
-
-
dB
dB
Notes:
1. One input grounded; dc to 20kHz, Full Scale input on the other channel.
Guaranteed by characterization.
2. Applies only in the track mode. When converting or calibrating, input capacitance will typically
be 10 pF.
3. All outputs unloaded. All inputs CMOS levels.
4. Power dissipation in sleep mode applies with no master clock applied (CLKIN high or low).
5. With 300mV p-p, 1kHz ripple applied to each supply separately. A plot of typical power supply
rejection appears in the
Analog Circuit Connections section.
* Refer to
Parameter Definitions at the end of this data sheet.
Specifications are subject to change without notice.
CS5126
2
DS32F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com