Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5126 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS5126
Description  16-Bit Stereo A/D Converter for Digital Audio
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5126 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS5126 Datasheet HTML 18Page - Cirrus Logic CS5126 Datasheet HTML 19Page - Cirrus Logic CS5126 Datasheet HTML 20Page - Cirrus Logic CS5126 Datasheet HTML 21Page - Cirrus Logic CS5126 Datasheet HTML 22Page - Cirrus Logic CS5126 Datasheet HTML 23Page - Cirrus Logic CS5126 Datasheet HTML 24Page - Cirrus Logic CS5126 Datasheet HTML 25Page - Cirrus Logic CS5126 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Power Supplies
Figure 1 shows the power supply arrangements.
The analog section of the board is powered by
± 15 volts, which is regulated down to ± 5 V for
the ADC. A separate +5 V digital supply is re-
quired to power the discrete logic. Be sure to
switch on the
± 15 V at the same time as, or be-
fore, the + 5 V logic supply. This will make sure
that the CLK and other logic signal are not driv-
ing the part before it is powered.
Analog Input
The analog input range is either
± Vref in the bi-
polar mode or 0 V to +Vref in the unipolar mode.
The voltage reference is factory set to the recom-
mended value of +4.5 volts, so the typical input
signal ranges become
± 4.5 volts or 0 V to +4.5
V.
The source driving the analog inputs should have
a low (< 200
Ω at high frequency) output imped-
ance. Be careful not to overdrive the inputs
outside the power supplies of the ADC (
± 5 V).
Figure 2 shows the buffer circuit used at the
Crystal factory to drive the ADC when perform-
ing FFT testing. See the CS5126 data sheet for
example FFT test results.
Voltage Reference
As shown in Figure 3, an LT1019-5 voltage ref-
erence provides a stable 4.5 V reference for the
ADC. An optional OP27 buffer filters out excess
reference noise and provides a very low output
impedance. To try the unbuffered LT1019-5 di-
rectly, solder in J2 and cut the VREF trace.
Alternatively the shunt reference based reference
schematic given in the CS5126 data sheet can be
evaluated by adding it to the analog patch area.
+15V
-15V
C22
C23
C24
C25
0.22
µF
0.47
µF
+5VA
-5VA
J1
+ C20
47
µF
C21
+
47
µF
0.22
µF
79L05
OUT
COM
IN
U5
78L05
OUT
COM
U4
IN
D2
D1
0.47
µF
C26
+ C27
47
µF 0.1 µF
D3
+15V
-15V
0V
Analog
0V
Digital
+5V
Logic
TP16
+5VL
Figure 1. Power Supplies
CDB5126
22
DS32DB5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com