Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5126 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS5126
Description  16-Bit Stereo A/D Converter for Digital Audio
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5126 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS5126 Datasheet HTML 17Page - Cirrus Logic CS5126 Datasheet HTML 18Page - Cirrus Logic CS5126 Datasheet HTML 19Page - Cirrus Logic CS5126 Datasheet HTML 20Page - Cirrus Logic CS5126 Datasheet HTML 21Page - Cirrus Logic CS5126 Datasheet HTML 22Page - Cirrus Logic CS5126 Datasheet HTML 23Page - Cirrus Logic CS5126 Datasheet HTML 24Page - Cirrus Logic CS5126 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
Copyright
© Cirrus Logic, Inc. 1998
(All Rights Reserved)
Cirrus Logic, Inc.
Crystal Semiconductor Products Division
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.crystal.com
CDB5126
Evaluation Board for CS5126
Features
l Serial to Parallel Conversion
l All Timing Signals Provided
l Adjustable Voltage Reference
l ±5 V Regulators
l Digital and Analog Patch Areas
Description
The CDB5126 Evaluation Board allows fast evaluation of
the
CS5126
2-Channel,
16-bit
Analog-to-Digital
Converter.
Analog inputs are via BNC connectors. Digital outputs
are available both directly from the ADC in serial form,
and in 16 bit parallel form.
An adjustable monolithic voltage reference is included.
ORDERING INFORMATION
CDB5126
Evaluation Board
I
-15V
+15V
VA+
VA-
VD+
VD-
VREF
REFBUF
AINL
AINR
BP/UP
SLEEP
TEST
TEST
CODE
Clock
Generator
Sampling
Timing
Control
Serial
to
Parallel
Conversion
Serial
Clock
Switching
CLKIN
HOLD
L/R
SDATA
SCLK
TRKR
TRKL
SSH2
Digital
Patch
Area
TP
TP
TP
TP
HOLD
EXT
CLKIN
Mode
Select
Switches
VA-
Analog
Patch
Area
AINL
AINR
+5V Regulators
0V
AGND
VL+
+5V
0V
DGND
CS5126
SSH1
Voltage
Reference
MAR ‘95
DS32DB5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com