Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5126 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS5126
Description  16-Bit Stereo A/D Converter for Digital Audio
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5126 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS5126 Datasheet HTML 24Page - Cirrus Logic CS5126 Datasheet HTML 25Page - Cirrus Logic CS5126 Datasheet HTML 26Page - Cirrus Logic CS5126 Datasheet HTML 27Page - Cirrus Logic CS5126 Datasheet HTML 28Page - Cirrus Logic CS5126 Datasheet HTML 29Page - Cirrus Logic CS5126 Datasheet HTML 30Page - Cirrus Logic CS5126 Datasheet HTML 31Page - Cirrus Logic CS5126 Datasheet HTML 32Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
U10B (74HC73) is used as a handshake flip-flop
with the computer system attached to the evalu-
ation board. The board brings DRDY low. The
computer reads the data and then sets DACK mo-
mentarily high. This resets U10B for the next
word. This handshake can be disabled by setting
P8 jumper to position 1.
DIP Switches
Figure 7 and Table 3 shows the DIP switch se-
lectable options.
Test Points
Table 4 is a list of the test points provided on the
Evaluation Board.
ON
OPEN
1
24
56
SLEEP mode
set at logic "1" for CS5126
(user option)
Output Encoding
set at logic "1" for CS5126
No Connect
Logic "0" = ON = CLOSED / Logic "1" = OFF = OPEN
Figure 7. DIP switch configuration
Switch
Logic
Mode
1
0
SLEEP mode
1
Normal mode
2, 3, 4
set to "1" for CS5126
5
0
Offset binary output code
1
2’s complement output code
6
Unconnected. Available for
user’s applications
Table 3. DIP Switch Selection Options
CS5126
TP1
VREF
TP2
AINR
TP3
AINL
TP4
AGND
TP5
SSH2
TP6
SSH1
TP7
TRKR
TP8
TRKL
TP9
STBY
TP10
NC
TP11
L/R
TP12
SCLK
TP13
HOLD
TP14
SDATA
TP15
CLKIN
TP16
DGND
TP17
TRKL + TRKR
TP18
Latch Clock for the 74HC595
shift registers
Table 4. CDB5126 Test Points
CDB5126
28
DS32DB5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com