Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5126 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS5126
Description  16-Bit Stereo A/D Converter for Digital Audio
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5126 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS5126 Datasheet HTML 9Page - Cirrus Logic CS5126 Datasheet HTML 10Page - Cirrus Logic CS5126 Datasheet HTML 11Page - Cirrus Logic CS5126 Datasheet HTML 12Page - Cirrus Logic CS5126 Datasheet HTML 13Page - Cirrus Logic CS5126 Datasheet HTML 14Page - Cirrus Logic CS5126 Datasheet HTML 15Page - Cirrus Logic CS5126 Datasheet HTML 16Page - Cirrus Logic CS5126 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
ANALOG CIRCUIT CONNECTIONS
Most popular successive-approximation A/D
converters generate dynamic loads at their ana-
log connections. The CS5126 internally buffers
all analog inputs (AIN, VREF, and AGND) to
ease the demands placed on external circuitry.
However, accurate system operation still requires
careful attention to details at the design stage re-
garding source impedances as well as grounding
and decoupling schemes.
Reference Considerations
An application note titled "Voltage references
for the CS501X/CSZ511X Series of A/D Convert-
ers" is available which describes the dynamic
load conditions presented by the VREF input on
Crystal’s self-calibrating SAR A/D converters
(including the CS5126). As the CS5126 se-
quences through bit decisions it switches por-
tions of the capacitor array to the VREF pin in
accordance with the successive-approximation
algorithm. For proper operation, the source im-
pedance at the VREF pin must remain low at
frequencies up to 1MHz.
A large capacitor connected between VREF and
AGND can provide sufficiently low output im-
pedance at the frequencies of interest, so the ref-
erence voltage can simply be derived as shown
in Figure 13a. Although very low cost, this ref-
erence has almost no power supply rejection
from the VA+ line.
Alternatively, a more stable and precise refer-
ence can be generated using a TL431 shunt ref-
erence from T.I. or Motorola, as shown in Fig-
ure 13b.
The magnitude of the current load on the exter-
nal reference circuitry will scale to the master
clock frequency. At the full-rated 24 MHz clock
the reference must supply a maximum load cur-
rent of 20
µA peak-to-peak (2µA typical). An
output impedance of 2
Ω will therefore yield a
maximum error of 40mV. With a 4.5V reference
and LSB size of 138mV this would insure ap-
proximately 1/4 LSB accuracy. A 10
µF capaci-
tor exhibits an impedance of less than 2
Ω at fre-
quencies greater than 16kHz. A high-quality tan-
talum capacitor in parallel with a smaller ce-
ramic capacitor is recommended.
VA+
IN4148
100
µF
AGND
VREF
10 k
Ω
0.1
µF
100
Ω
+
a. Simple Reference
+12 or +15 V
10
µF
AGND
VREF
1.6 k
Ω
0.1
µF
50
Ω
+
0.1
µF
2 k
Ω
2 k
Ω
TL431
b. Low-cost Shunt Reference
Figure 13. Suggested Voltage Reference Circuits
CS5126
DS32F1
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com