Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5126 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS5126
Description  16-Bit Stereo A/D Converter for Digital Audio
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5126 Datasheet(HTML) 3 Page - Cirrus Logic

  CS5126 Datasheet HTML 1Page - Cirrus Logic CS5126 Datasheet HTML 2Page - Cirrus Logic CS5126 Datasheet HTML 3Page - Cirrus Logic CS5126 Datasheet HTML 4Page - Cirrus Logic CS5126 Datasheet HTML 5Page - Cirrus Logic CS5126 Datasheet HTML 6Page - Cirrus Logic CS5126 Datasheet HTML 7Page - Cirrus Logic CS5126 Datasheet HTML 8Page - Cirrus Logic CS5126 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
DIGITAL CHARACTERISTICS (TA = TMIN to TMAX; VA+, VD+ = 5V±10%; VA-,VD- = -5V±10%)
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
VIH
2.0
-
-
V
Low-Level Input Voltage
VIL
--
0.8
V
High-Level Output Voltage
(Note 6)
VOH
(VD+)-1.0V
-
-
V
Low-Level Output Voltage
Iout = 1.6 mA
VOL
--
0.4
V
Input Leakage Current
Iin
--
10
µA
Notes:
6. IOUT = -100
µA. This specification guarantees that each digital output will drive one TTL load
(VOH = 2.4V @ IOUT = -40
µA).
RECOMMENDED OPERATING CONDITIONS (AGND, DGND = 0V, see note 7.)
Parameter
Symbol
Min
Typ
Max
Units
DC Power Supplies:
Positive Digital
Negative Digital
Positive Analog
Negative Analog
VD+
VD-
VA+
VA-
4.5
-4.5
4.5
-4.5
5.0
-5.0
5.0
-5.0
VA+
-5.5
5.5
-5.5
V
V
V
V
Analog Reference Voltage
VREF
2.5
4.5
(VA+)-0.5
V
Analog Input Voltage
(Note 8)
VAIN
-VREF
-
VREF
V
Notes:
7. All voltages with respect to ground.
8. The CS5126 can accept input voltages up to the analog supplies (VA+, VA-). It will produce an
output of all 1’s for inputs above VREF and all 0’s for inputs below -VREF.
ABSOLUTE MAXIMUM RATINGS (AGND, DGND = 0V, all voltages with respect to ground.)
Parameter
Symbol
Min
Max
Units
DC Power Supplies:
Positive Digital
Negative Digital
Positive Analog
Negative Analog
VD+
VD-
VA+
VA-
-0.3
0.3
-0.3
0.3
(VA+)+0.3
-6.0
6.0
-6.0
V
V
V
V
Input Current, Any Pin Except Supplies
(Note 9)
Iin
-
±10
mA
Analog Input Voltage
(AIN and VREF pins)
VINA
(VA-)-0.3
(VA+)+0.3
V
Digital Input Voltage
VIND
-0.3
(VD+)+0.3
V
Ambient Temperature
(power applied)
TA
-55
125
°C
Storage Temperature
Tstg
-65
150
°C
Notes:
9. Transient currents of up to 100 mA will not cause SCR latch-up.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
CS5126
DS32F1
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com