Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5126 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5126
Description  16-Bit Stereo A/D Converter for Digital Audio
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5126 Datasheet(HTML) 4 Page - Cirrus Logic

  CS5126 Datasheet HTML 1Page - Cirrus Logic CS5126 Datasheet HTML 2Page - Cirrus Logic CS5126 Datasheet HTML 3Page - Cirrus Logic CS5126 Datasheet HTML 4Page - Cirrus Logic CS5126 Datasheet HTML 5Page - Cirrus Logic CS5126 Datasheet HTML 6Page - Cirrus Logic CS5126 Datasheet HTML 7Page - Cirrus Logic CS5126 Datasheet HTML 8Page - Cirrus Logic CS5126 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
SWITCHING CHARACTERISTICS (TA = 25 °C; VA+, VD+ = 5V ± 10%; VA-, VD- = -5V ± 10%;
Inputs: Logic 0 = 0V, Logic 1 = VD+; CL = 50 pF)
Parameter
Symbol
Min
Typ
Max
Units
Master Clock Period
tclk
40
-
-
ns
HOLD to SSH2 Falling
(Note 10)
tdfsh2
-80
-
ns
HOLD to TRKL, TRKR
SSH1 Falling
tdfsh1
198tclk
-
214tclk+50
ns
HOLD to TRKL, TRKR
SSH1, SSH2 Rising
tdrsh
-80
-
ns
RST Pulse Width
trst
150
-
-
ns
RST to STBY Falling
tdrrs
-
100
-
ns
RST Rising to STBY Rising
tcal
-
34,584,480
-
tclk
HOLD Pulse Width
thold
2tclk+50
-
192tclk
ns
HOLD to L/R Edge
(Note 10)
tdhlri
-30
-
192tclk
ns
SCLK period
tsclk
200
-
-
ns
SCLK Pulse Width Low
tsclkl
50
-
-
ns
SCLK Pulse Width High
tsclkh
50
-
-
ns
SCLK Falling to SDATA Valid
tdss
-
100
140
ns
HOLD Falling to SDATA Valid
tdhs
-
140
200
ns
Notes: 10. SSH2 only works correctly if HOLD falling edge is within
±30ns of L/R edge OR if HOLD falling edge
occurs between 30ns before HOLD rises to 192 tclk after HOLD falls.
TRKR (o)
TRKL (o)
HOLD (i)
SSH2 (o)
dfsh2
t
drsh
t
dfsh1
t
Control Output Timing
rst
t
cal
t
drrs
t
RST
STBY
Reset and Calibration Timing
dhlri
t
hold
t
L/R
HOLD
Channel Selection Timing
sclkl
t
sclkh
t
dss
t
SDATA
SCLK
sclk
t
Serial Data Timing
SCLK
MSB
dhs
t
HOLD
SDATA
Data Transmit Start Timing
CS5126
4
DS32F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com