Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5126 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS5126
Description  16-Bit Stereo A/D Converter for Digital Audio
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5126 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS5126 Datasheet HTML 20Page - Cirrus Logic CS5126 Datasheet HTML 21Page - Cirrus Logic CS5126 Datasheet HTML 22Page - Cirrus Logic CS5126 Datasheet HTML 23Page - Cirrus Logic CS5126 Datasheet HTML 24Page - Cirrus Logic CS5126 Datasheet HTML 25Page - Cirrus Logic CS5126 Datasheet HTML 26Page - Cirrus Logic CS5126 Datasheet HTML 27Page - Cirrus Logic CS5126 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
A 5 volt reference can be used provided the sup-
plies to the ADC are elevated to
± 5.3 volts. This
can be done by inserting 22
Ω resistors in series
with the regulator (U4 and U5) common leads.
Master Clock
The CS5126 requires an external 24.576 MHz
clock for a 96 kHz sample rate. A 24.576 MHz
clock oscillator module (U6) is provided. An ex-
ternal clock can also be selected by P1, via a
BNC connector. R15 is an optional 75
Ω termi-
nating resistor for the external clock BNC.
VA+
VD+
CLKIN
3
TP15
NC
4
TP10
J4
1
0
P1
R15
75
BNC3
EXT
CLKIN
10
R7
+5VA
+ C17
C15
1
µF
0.1
µF
C14
C16
+
1
µF
0.1
µF
12
14
13
TP13
TP12
TP11
P2
P3
1
0
BNC4
R29
75
HOLD
P4
0
1
2
R17
10 k
+5VL
R23
1 k
R16
+5VL
23
1
10
R6
+
C18
C11
C12
C19
+
-5VA
1
µF
0.1
µF
1
µF
0.1
µF
C10
0.1
µF
21
24
19
TP2
TP3
VA-
VD-
REFBUF
AINR
AINL
6
2
26
15
11
10
9
8
5
28
16
17
27
18
R8, p.4
47 k
R14
10 k
SW7
C13
0.1
µF
+5VL
12
3
4
5
47 k
TP9
TP8
TP7
TP6
TP5
TP14
6-way DIP switch
SW1 thru SW6
VREF
AGND
20
22
C9
C9
25
7
47 k
R 8
U6
U7
U8, U9 U7, Q9 Output
P8
P8
U8, pin 14
P9
SCLK
DGND
SDATA
SSH2
CODE
TST4
TST1
SLEEP
STBY
TRKL
TRKR
RST
TST
L/R
HOLD
SSH1
TST2
U1
CS5126
BNC1
AINR
BNC2
AINL
Figure 4. ADC Connections
CDB5126
24
DS32DB5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com