Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5126 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS5126
Description  16-Bit Stereo A/D Converter for Digital Audio
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5126 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS5126 Datasheet HTML 24Page - Cirrus Logic CS5126 Datasheet HTML 25Page - Cirrus Logic CS5126 Datasheet HTML 26Page - Cirrus Logic CS5126 Datasheet HTML 27Page - Cirrus Logic CS5126 Datasheet HTML 28Page - Cirrus Logic CS5126 Datasheet HTML 29Page - Cirrus Logic CS5126 Datasheet HTML 30Page - Cirrus Logic CS5126 Datasheet HTML 31Page - Cirrus Logic CS5126 Datasheet HTML 32Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Miscellaneous Hints on Using the Evaluation
Board
Always hit the reset button after powering-up the
board. The CS5126 is self calibrating and require
the reset signal to initiate the calibration proce-
dure.
P4 controls the ADC input mux. This is used to
set the mux to be continuously connected to one
channel, or to be toggling between two channels.
This is very useful for evaluating oversampled
vs. regular sampling digital audio.
P10 controls the Data Ready pulses from the on-
board logic. To cause every data sample to be
read, select option 0. If you wish to read only
every alternate sample, then select option 1 or 2,
depending on whether you wish to read every left
channel value, or every right channel value. This
is useful for evaluating the part with a test system
which does not separate alternate values.
CDBCAPTURE Interface
Figure 8 illustrates the CDBCAPTURE interface
that can be constructed in the digital patch area.
A 2-row, 10 pin stake header is wired as shown.
GND
(GND-Digital Patch)
+5V
+5V
FRAME
SCLK
SDATA
(+5VL - Digital Patch)
(+5VL - Digital Patch)
GND
GND
GND
GND
(DRDY - P8)
(SCLK - U9-11)
(SDATA - U8-14)
Circuit Board
(Top View)
Figure 8. CDBCAPTURE Header Signal Pattern
CDB5126
DS32DB5
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com