Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5360 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5360
Description  24-Bit Stereo A/D Converter for Digital Audio
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5360 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5360 Datasheet HTML 2Page - Cirrus Logic CS5360 Datasheet HTML 3Page - Cirrus Logic CS5360 Datasheet HTML 4Page - Cirrus Logic CS5360 Datasheet HTML 5Page - Cirrus Logic CS5360 Datasheet HTML 6Page - Cirrus Logic CS5360 Datasheet HTML 7Page - Cirrus Logic CS5360 Datasheet HTML 8Page - Cirrus Logic CS5360 Datasheet HTML 9Page - Cirrus Logic CS5360 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
CS5360
6
DS280PP2
SWITCHING CHARACTERISTICS (T
A = 25 °C; VA+ = 5 V ±5%; Inputs: Logic 0 = 0 V,
Logic 1 = VA+ = VD+; CL = 20 pF)
Notes: 7. SCLK Rising for Mode 1
8.
9.
10. Pulse Width High for Mode 1
11. Pulse Width Low for Mode 1
12.
13.
14. SCLK Falling for Mode 1
15.
Parameter
Symbol
Min
Typ
Max
Unit
Output Sample Rate
FS
8.0
-
50
kHz
MCLK Period
MCLK / LRCK = 256
MCLK / LRCK = 384
MCLK / LRCK = 512
tclkw
78
52
39
-
-
-
1953
1302
976
ns
MCLK Low
MCLK / LRCK = 256
MCLK / LRCK = 384
MCLK / LRCK = 512
tclkl
31
20
15
-
-
-
-
-
-
ns
MCLK High
MCLK / LRCK = 256
MCLK / LRCK = 384
MCLK / LRCK = 512
tclkh
31
20
15
-
-
-
-
-
-
ns
Peak Update Pulse Width
pupulse
20
-
-
ns
Master Mode
SCLK Falling to LRCK
(Note 7)
tmslr
-10
-
10
ns
SCLK Falling to SDATA Valid
(Note 7)
tsdo
-10
-
35
ns
SCLK Duty Cycle
-
50
-
%
SCLK Falling to Frame Valid
(Note 7)
tsfo
-10
-
Note 8
ns
LRCK Edge to OVFL Valid
tovfl
-10
-
30
ns
LRCK Edge to OVFL Edge Delay
tovfl
-10
-
Note 12
ns
Slave Mode
LRCK Duty Cycle
25
50
75
%
SCLK Period
tsclkw
Note 9
-
-
ns
SCLK Pulse Width Low
(Note 10)
tsclkl
Note 13
-
-
ns
SCLK Pulse Width High
(Note 11)
tsclkh
50
-
-
ns
SCLK Falling to SDATA Valid
(Note 7)
tdss
-
-
Note 13
ns
LRCK Edge to MSB Valid
tlrdss
-
-
Note 13
ns
SCLK Rising to LRCK Edge Delay
(Note 14)
tslr1
50
-
-
ns
LRCK Edge to Rising SCLK Setup Time
(Note 14)
tslr2
Note 13
-
-
ns
SCLK Falling to Frame Delay
tsfo
-
-
Note 15
ns
1
1024
() F
S
()
-------------------------------
30 ns
+
1
96
() F
S
()
------------------------
1
512
() F
S
()
----------------------------20 ns
+
1
512
() F
S
()
----------------------------50 ns
+
1
384
() F
S
()
----------------------------35 ns
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com