Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4340A Datasheet (PDF) - Cirrus Logic

CS4340A Datasheet PDF - Cirrus Logic
Part # CS4340A
Download  CS4340A Download
File Size   628.79 Kbytes
Page   20 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-Bit, 192 kHz Stereo DAC for Audio?

CS4340A Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4340A Datasheet PDF - Cirrus Logic

Part # CS4340A
Download  CS4340A Click to download

File Size   628.79 Kbytes
Page   20 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-Bit, 192 kHz Stereo DAC for Audio?

CS4340A Datasheet (HTML) - Cirrus Logic


CS4340A Product details

Description

The CS4340A is a complete stereo digital-to-analog system including digital interpolation, fourth-order delta sigma digital-to-analog conversion, digital de-emphasis and switched capacitor analog filtering. The advantages of this architecture include: ideal differential linearity, no distortion mechanisms due to resistor matching errors, no linearity drift over time and temperature, and a high tolerance to clock jitter.



Features

101 dB Dynamic Range

-91 dB THD+N

+3.3 V or +5 V Power Supply

50 mW with 3.3 V supply

Low Clock Jitter Sensitivity

Filtered Line Level Outputs

On-Chip Digital De-emphasis for 44.1kHz

Popguard® Technology for Control of Clicks and Pops

Up to 200 kHz Sample Rates

Automatic Mode Detection for Sample Rates between 4 and 200 kHz

Pin Compatible with the CS4340




Similar Part No. - CS4340A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4340A-KS CIRRUS-CS4340A-KS Datasheet
695Kb / 21P
24-Bit, 192 kHz Stereo DAC for Audio
CS4340A-KSZ CIRRUS-CS4340A-KSZ Datasheet
695Kb / 21P
24-Bit, 192 kHz Stereo DAC for Audio
CS4340A CIRRUS-CS4340A_05 Datasheet
695Kb / 21P
24-Bit, 192 kHz Stereo DAC for Audio
More results


Similar Description - CS4340A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1852 AD-AD1852 Datasheet
234Kb / 16P
Stereo, 24-Bit, 192 kHz Multibit DAC
AD1853 AD-AD1853 Datasheet
416Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit DAC
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
24 BIT 192 KHZ STEREO DAC
logo
Cirrus Logic
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
24-Bit, 192 kHz Stereo Audio CODEC
CS4340A CIRRUS-CS4340A_05 Datasheet
695Kb / 21P
24-Bit, 192 kHz Stereo DAC for Audio
logo
Analog Devices
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
Cirrus Logic
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Analog Devices
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com