Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4340A Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS4340A
Description  24-Bit, 192 kHz Stereo DAC for Audio?
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4340A Datasheet(HTML) 4 Page - Cirrus Logic

  CS4340A Datasheet HTML 1Page - Cirrus Logic CS4340A Datasheet HTML 2Page - Cirrus Logic CS4340A Datasheet HTML 3Page - Cirrus Logic CS4340A Datasheet HTML 4Page - Cirrus Logic CS4340A Datasheet HTML 5Page - Cirrus Logic CS4340A Datasheet HTML 6Page - Cirrus Logic CS4340A Datasheet HTML 7Page - Cirrus Logic CS4340A Datasheet HTML 8Page - Cirrus Logic CS4340A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
CS4340A
4
DS590PP2
1. PIN DESCRIPTION
Pin Name
#
Pin Description
RST
1
Reset
(Input) - Powers down device.
SDIN
2
Serial Audio Data
(Input) - Input for two’s complement serial audio data.
SCLK
3
Serial Clock
(Input) -Serial clock for the serial audio interface.
LRCK
4
Left Right Clock
(Input) - Determines which channel, Left or Right, is currently active on the
serial audio data line.
MCLK
5
Master Clock
(Input) - Clock source for the delta-sigma modulator and digital filters.
DIF1
DIF0
6
7
Digital Interface Format
(Input) - Defines the required relationship between the Left Right
Clock, Serial Clock and Serial Audio Data.
DEM
8
De-emphasis Control
(Input) - Selects the standard 15
µs/50µs digital de-emphasis filter
response for the 44.1 kHz sample rate.
FILT+
9
Positive Voltage Reference
(Output) - Positive voltage reference for the internal
sampling circuits.
VQ
10
Quiescent Voltage
(Output) - Filter connection for internal quiescent reference voltage.
REF_GND
11
Reference Ground
(Input) - Ground reference for the internal sampling circuits.
AOUTR
AOUTL
12
15
Analog Outputs
(Output) - The full scale analog output level is specified in the
Analog Characteristics
table.
AGND
13
Analog Ground
(Input)
VA
14
Power
(Input) - Positive power for the analog, digital and serial audio interface sections.
MUTEC
16
Mute Control
(Output) - Control signal for an optional mute circuit.
15
2
14
3
13
4
16
1
11
6
10
7
9
8
12
5
RST
MUTEC
SDIN
AOUTL
SCLK
VA
LRCK
AGND
MCLK
AOUTR
DIF1
REF_GND
DIF0
VQ
DEM
FILT+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com