Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4340A Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS4340A
Description  24-Bit, 192 kHz Stereo DAC for Audio?
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4340A Datasheet(HTML) 5 Page - Cirrus Logic

  CS4340A Datasheet HTML 1Page - Cirrus Logic CS4340A Datasheet HTML 2Page - Cirrus Logic CS4340A Datasheet HTML 3Page - Cirrus Logic CS4340A Datasheet HTML 4Page - Cirrus Logic CS4340A Datasheet HTML 5Page - Cirrus Logic CS4340A Datasheet HTML 6Page - Cirrus Logic CS4340A Datasheet HTML 7Page - Cirrus Logic CS4340A Datasheet HTML 8Page - Cirrus Logic CS4340A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
CS4340A
DS590PP2
5
2. TYPICAL CONNECTION DIAGRAM
13
Serial Audio
Data
Processor
Externa l Clock
MCLK
AG ND
AO UTR
CS4340A
SDIN
LR CK
VA
AO UT L
3
4
5
14
0.1 µ F
+
1µ F
12
+3.3V or +5.0V
3.3 µF
3.3 µF
10 k
Ω
C
C
560
Ω
560
Ω
+
+
Mode
Configuration
8
6
7
SCLK
1
2
DIF1
DIF0
DEM
RST
MUTEC
16
OPTIONAL
MUTE
CIRCUIT
15
1µF
0.1 µF
Audio
Output
Audio
Output
R
L +5 60
C=
4
πF
S
R
L
560
R
L
R
L
+
+
10 k
Ω
.1 µF
1µF
9
10
11
REF_GND
FILT+
VQ
Left
Right
Figure 1. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com