Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8727 Datasheet (PDF) - Wolfson Microelectronics plc

WM8727 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8727
Download  WM8727 Download
File Size   180.75 Kbytes
Page   16 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24 BIT 192 KHZ STEREO DAC

WM8727 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8727 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8727
Download  WM8727 Click to download

File Size   180.75 Kbytes
Page   16 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24 BIT 192 KHZ STEREO DAC

WM8727 Datasheet (HTML) - Wolfson Microelectronics plc


WM8727 Product details

DESCRIPTION
The WM8727 is a high performance stereo DAC designed for audio applications such as DVD, home theatre systems, and digital TV. The WM8727 supports data input word lengths from 16 to 24-bits and sampling rates up to 192kHz. The WM8727 consists of a serial interface port, digital interpolation filters, multi-bit sigma delta modulators and stereo DAC in a very small 8-pin SOIC package.

FEATURES
• Stereo DAC
• Audio Performance
    - 98dB SNR (‘A’ weighted @ 48kHz) DAC
    - -84dB THD
• DAC Sampling Frequency: 8kHz – 192kHz
• Audio Data Interface Format
    - 16-24-Bit I2S
• 2.7V – 5.5V Supply Operation
• 8-pin SOIC Package
• Exceeds Dolby Class A Performance Requirements

APPLICATIONS
• DVD Players
• Digital TV
• Digital Set Top Box




Similar Part No. - WM8727

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
WM8727GED/RV WOLFSON-WM8727GED/RV Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
WM8727GED/V WOLFSON-WM8727GED/V Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
More results


Similar Description - WM8727

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1852 AD-AD1852 Datasheet
234Kb / 16P
Stereo, 24-Bit, 192 kHz Multibit DAC
AD1853 AD-AD1853 Datasheet
416Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit DAC
logo
Cirrus Logic
CS4340A CIRRUS-CS4340A Datasheet
628Kb / 20P
24-Bit, 192 kHz Stereo DAC for Audio?
CS4392 CIRRUS-CS4392 Datasheet
978Kb / 42P
24-Bit, 192 kHz Stereo DAC with Volume Control?
logo
Analog Devices
AD1833A AD-AD1833A Datasheet
687Kb / 20P
24-Bit, 192 kHz, DAC
REV.0
logo
Cirrus Logic
CS4340A CIRRUS-CS4340A_05 Datasheet
695Kb / 21P
24-Bit, 192 kHz Stereo DAC for Audio
CS4341A CIRRUS-CS4341A_04 Datasheet
1Mb / 34P
24-Bit, 192 kHz Stereo DAC with Volume Control
CS4392 CIRRUS-CS4392_04 Datasheet
1Mb / 40P
24-Bit, 192 kHz Stereo DAC with Volume Control?
logo
Analog Devices
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com